Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83176G-401 Datasheet(PDF) 10 Page - Winbond

Part # W83176G-401
Description  Winbond Current Mode Differential Buffer for PCI Express and SATA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83176G-401 Datasheet(HTML) 10 Page - Winbond

Back Button W83176G-401 Datasheet HTML 6Page - Winbond W83176G-401 Datasheet HTML 7Page - Winbond W83176G-401 Datasheet HTML 8Page - Winbond W83176G-401 Datasheet HTML 9Page - Winbond W83176G-401 Datasheet HTML 10Page - Winbond W83176G-401 Datasheet HTML 11Page - Winbond W83176G-401 Datasheet HTML 12Page - Winbond W83176G-401 Datasheet HTML 13Page - Winbond W83176G-401 Datasheet HTML 14Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
W83176R-401, W83176G-401
CURRENT MODE DIFFERENTIAL BUFFER FOR PCI EXPRESS AND SATA
Publication Release Date: May, 2006
- 7 -
Revision 0.6
6.4 Register 3: Reserved Register (Default: 00h)
BIT
NAME
PWD
DESCRIPTION
7
Reserved
0
Reserved
6
Reserved
0
Reserved
5
Reserved
0
Reserved
4
Reserved
0
Reserved
3
Reserved
0
Reserved
2
Reserved
0
Reserved
1
Reserved
0
Reserved
0
Reserved
0
Reserved
6.5 Register 4: Winbond Chip ID – Project Code Register (Default: 11h)
BIT
NAME
PWD
DESCRIPTION
7
CHPI_ID [7]
0
Winbond Chip ID. W83176R-401 (SA5911).
6
CHPI_ID [6]
0
Winbond Chip ID.
5
CHPI_ID [5]
0
Winbond Chip ID.
4
CHPI_ID [4]
1
Winbond Chip ID.
3
CHPI_ID [3]
0
Winbond Chip ID.
2
CHPI_ID [2]
0
Winbond Chip ID.
1
CHPI_ID [1]
0
Winbond Chip ID.
0
CHPI_ID [0]
1
Winbond Chip ID.
6.6 Register 5: Test Register (Default: 00h)
BIT
NAME
PWD
DESCRIPTION
7
TEST1
0
Reserved
6
TEST0
0
Reserved
5
Reserved
0
Reserved
4
Reserved
0
Reserved
3
Reserved
0
Reserved
2
Reserved
0
Reserved
1
Reserved
0
Reserved
0
Reserved
0
Reserved


Similar Part No. - W83176G-401

ManufacturerPart #DatasheetDescription
logo
Winbond
W83176G-400 WINBOND-W83176G-400 Datasheet
265Kb / 12P
   Winbond Current Mode Differential Buffer for PCI Express and SATA
More results

Similar Description - W83176G-401

ManufacturerPart #DatasheetDescription
logo
Winbond
W83176R-400 WINBOND-W83176R-400 Datasheet
265Kb / 12P
   Winbond Current Mode Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28401 CYPRESS-CY28401_05 Datasheet
233Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
Silicon Laboratories
SL28DB200 SILABS-SL28DB200 Datasheet
127Kb / 8P
   100 MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28800 SPECTRALINEAR-CY28800 Datasheet
210Kb / 15P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 SPECTRALINEAR-CY28401 Datasheet
180Kb / 13P
   100 MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com