Part Name
         Description
M13S2561616A

 4M x 16 Bit x 4 Banks Double Data Rate SDRAM ( 48 Page)


ESMT
100% 
Zoom Out Zoom In
 6 page
background image
ESMT
M13S2561616A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2007
Revision : 1.3
6/48
DC Specifications
Version
Parameter
Symbol
Test Condition
-4
-5
-6
Unit Note
Operation Current
(One Bank Active)
IDD0
tRC = tRC (min) tCK = tCK (min)
Active – Precharge
140
130
120
mA
Operation Current
(One Bank Active)
IDD1
Burst Length = 2 tRC = tRC (min), CL=
2.5 IOUT = 0mA,
Active-Read-
Precharge
190
185
165
mA
Precharge Power-down Standby
Current
IDD2P
CKE
≤ V
IL(max),
tCK = tCK (min), All
banks idle
40
30
25
mA
Idle Standby Current
IDD2N
CKE
V
IH(min),
CS
V
IH(min), tCK =
tCK (min)
65
60
55
mA
Active
Power-down
Standby
Current
IDD3P
All banks ACT, CKE
V
IL(max), tCK =
tCK (min)
55
50
45
mA
Active Standby Current
IDD3N
One bank; Active-Precharge, tRC =
tRAS(max),
tCK = tCK (min)
100
95
90
mA
Operation Current (Read)
IDD4R
Burst Length = 2, CL= 2.5 , tCK = tCK
(min), IOUT = 0Ma
300
290
250
mA
Operation Current (Write)
IDD4W
Burst Length = 2, CL= 2.5 , tCK = tCK
(min)
300
290
250
mA
Auto Refresh Current
IDD5
tRC tRFC(min)
300
270
250
mA
Self Refresh Current
IDD6
CKE
0.2V
5
5
5
mA
1
Note 1. Enable on-chip refresh and address counters.
AC Operation Conditions & Timing Specification
AC Operation Conditions
Parameter
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.31
V
Input Low (Logic 0) Voltage, DQ, DQS and DM signals
VIL(AC)
VREF - 0.31
V
Input Different Voltage, CLK and CLK inputs
VID(AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CLK and CLK inputs
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Note1. VID is the magnitude of the difference between the input level on CLK and the input on CLK .
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the
same.
Input / Output Capacitance
(VDD = 2.3V~2.7V, VDDQ =2.3V~2.7V, TA = 25 C
° , f = 1MHz)
(VDD = 2.6V~2.8V, VDDQ =2.6V~2.8V, TA = 25 C
° , f = 1MHz (only for speed -4))
Parameter
Symbol
Min
Max
Unit
Input capacitance
(A0~A11, BA0~BA1, CKE, CS , RAS , CAS , WE )
CIN1
2.0
3.0
pF
Input capacitance (CLK, CLK )
CIN2
2.0
3.0
pF
Data & DQS input/output capacitance
COUT
4.0
5.0
pF
Input capacitance (DM)
CIN3
4.0
5.0
pF
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M13S256328A2M x 32 Bit x 4 Banks Double Data Rate SDRAM 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
M13S32321A256K x 32 Bit x 4 Banks Double Data Rate SDRAM 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
M13S64164A1M x 16 Bit x 4 Banks Double Data Rate SDRAM 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
M13S128168A2M x 16 Bit x 4 Banks Double Data Rate SDRAM 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
M13S128324A1M x 32 Bit x 4 Banks Double Data Rate SDRAM 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
EM42AM3284LBA512Mb 4M×4Bank×32 Double DATA RATE SDRAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
K4C89363AF2 097 152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM 1 2 3 4 5 MoreSamsung semiconductor
NT5DS64M4AT256Mb Double Data Rate SDRAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NT5DS4M32EG1M × 32 Bits × 4 Banks Double Data Rate Synchronous RAM With Bi-Directional Data Strobe and DLL 1 2 3 4 5 MoreNanoAmp Solutions, Inc.
M65KA512AB512Mbit 4 Banks x 8M x 16 133 MHz Clock Rate Bare Die 1.8 V Supply Low Power SDRAM 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl