Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52D16161A Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # M52D16161A
Description  512K x 16Bit x 2Banks Synchronous DRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52D16161A Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button M52D16161A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52D16161A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52D16161A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52D16161A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M52D16161A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M52D16161A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M52D16161A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M52D16161A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M52D16161A Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ESMT
M52D16161A
Elite Semiconductor Memory Technology Inc.
Publication Date : Apr. 2007
Revision : 1.5
10/29
SIMPLIFIED TRUTH TABLE
COMMAND
CKEn-1
CKEn
CS
RAS
CAS
WE
DQM BA A10/AP A9~A0 Note
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1,2
Register
Extended Mode Register
Set
H
X
L
L
L
L
X
OP CODE
1,2
Auto Refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
3
Refresh
Self Refresh
Exit
L
H
H
X
X
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Auto Precharge Disable
L
4
Read &
Column Address
Auto Precharge Enable
H
X
L
H
L
H
X
V
H
Column
Address
(A0~A7)
4,5
Auto Precharge Disable
L
4
Write & Column
Address
Auto Precharge Enable
H
X
L
H
L
L
X
V
H
Column
Address
(A0~A7)
4,5
Burst Stop
H
X
L
H
H
L
X
X
6
Bank Selection
V
L
4
Precharge
Both Banks
H
X
L
L
H
L
X
X
H
X
4
H
X
X
X
Entry
H
L
L
V
V
V
X
Clock Suspend or
Active Power Down
Exit
L
H
X
X
X
X
X
X
H
X
X
X
Entry
H
L
L
H
H
H
X
H
X
X
X
Precharge Power Down Mode
Exit
L
H
L
V
V
V
X
X
DQM
H
X
V
X
7
H
H
X
X
X
No Operation Command
H
X
L
H
H
H
X
X
Entry
H
L
L
H
H
L
X
Deep Power Down Mode
Exit
L
H
X
X
X
X
X
X
(V= Valid, X= Don’t Care, H= Logic High , L = Logic Low)
Note:
1. OP Code: Operation Code
A0~ A10/AP, BA: Program keys.(@MRS). BA=0 for MRS and BA=1 for EMRS.
2.
MRS/EMRS can be issued only at both banks precharge state.
A new command can be issued after 2 clock cycle of MRS.
3.
Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by “Auto”.
Auto / self refresh can be issued only at both banks precharge state.
4.
BA: Bank select address.
If “Low”: at read, write, row active and precharge, bank A is selected.
If “High”: at read, write, row active and precharge, bank B is selected.
If A10/AP is “High” at row precharge, BA ignored and both banks are selected.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read /write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at positive going edge of a CLK masks the data-in at the very CLK (Write DQM latency is 0), but
makes
Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2)


Similar Part No. - M52D16161A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D16161A ESMT-M52D16161A Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
893Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
M52D16161A-10BG ESMT-M52D16161A-10BG Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
M52D16161A-10BIG ESMT-M52D16161A-10BIG Datasheet
893Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
M52D16161A-10TG ESMT-M52D16161A-10TG Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
More results

Similar Description - M52D16161A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_1 Datasheet
703Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52S16161A ESMT-M52S16161A Datasheet
755Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A_09 Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com