Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52D128168A Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # M52D128168A
Description  2M x 16 Bit x 4 Banks Synchronous DRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M52D128168A Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button M52D128168A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M52D128168A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M52D128168A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M52D128168A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M52D128168A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M52D128168A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M52D128168A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M52D128168A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M52D128168A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
ESMT
Preliminary
M52D128168A
Elite Semiconductor Memory Technology Inc.
Publication Date: May. 2007
Revision: 1.0
9/47
MODE REGISTER FIELD TABLE TO PROGRAM MODES
Register Programmed with MRS
Address
BA0
BA1
A11
A10/AP
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
0
0
0
0
0
0
0
CAS Latency
BT
Burst Length
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT = 0
BT = 1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
1
0
1
Reserved
0
0
1
Reserved
1
Interleave
0
0
1
2
2
1
0
Reserved
0
1
0
2
0
1
0
4
4
1
1
Reserved
0
1
1
3
0
1
1
8
8
1
0
0
Reserved
1
0
0
Reserved Reserved
1
0
1
Reserved
1
0
1
Reserved Reserved
1
1
0
Reserved
1
1
0
Reserved Reserved
1
1
1
Reserved
1
1
1
Full Page Reserved
Full Page Length : 256


Similar Part No. - M52D128168A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52D128168A ESMT-M52D128168A Datasheet
1Mb / 48P
   2M x 16 Bit x 4 Banks Mobile Synchronous DRAM
M52D128168A ESMT-M52D128168A Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A-10BG ESMT-M52D128168A-10BG Datasheet
1Mb / 48P
   2M x 16 Bit x 4 Banks Mobile Synchronous DRAM
M52D128168A-10BIG ESMT-M52D128168A-10BIG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A-10TG ESMT-M52D128168A-10TG Datasheet
1Mb / 48P
   2M x 16 Bit x 4 Banks Mobile Synchronous DRAM
More results

Similar Description - M52D128168A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS7616A4A A-DATA-ADS7616A4A Datasheet
565Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_1 Datasheet
366Kb / 22P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com