Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGL34A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # EGL34A
Description  Superfast Switching Surface Mount Si-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

EGL34A Datasheet(HTML) 2 Page - Diotec Semiconductor

  EGL34A Datasheet HTML 1Page - Diotec Semiconductor EGL34A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EGL34A ... EGL34G
Characteristics
Kennwerte
Type
Typ
Reverse recovery time
Sperrverzugszeit
Forward voltage
Durchlass-Spannung
Tj = 25°C
trr [ns] 1)
VF [V]
at / bei
IF = [A]
EGL34A ... EGL34D
< 50
< 1.25
0.5
EGL34G
< 50
< 1.35
0.5
Leakage current
Sperrstrom
Tj = 25°C
Tj = 125°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 50 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 150 K/W 2)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 70 K/W
1
IF = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
[°C]
T
T
150
100
50
0
EGL34A...D
EGL34G
T = 25°C
j
10
1
10
10
10
-1
-2
-3
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8


Similar Part No. - EGL34A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EGL34A GE-EGL34A Datasheet
85Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Shenzhen Luguang Electr...
EGL34A LUGUANG-EGL34A Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Micro Commercial Compon...
EGL34A MCC-EGL34A Datasheet
357Kb / 2P
   0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
EGL34A DIOTEC-EGL34A Datasheet
141Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
EGL34A DIOTEC-EGL34A Datasheet
122Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
More results

Similar Description - EGL34A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SFE1A DIOTEC-SFE1A Datasheet
235Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
ER2A DIOTEC-ER2A Datasheet
164Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
ER3A DIOTEC-ER3A Datasheet
165Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
EGL1A DIOTEC-EGL1A_07 Datasheet
103Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
ER1A DIOTEC-ER1A Datasheet
163Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
BAV100 DIOTEC-BAV100_07 Datasheet
103Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
SFE1A DIOTEC-SFE1A_07 Datasheet
71Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
ER1A DIOTEC-ER1A_07 Datasheet
104Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
ER2A DIOTEC-ER2A_07 Datasheet
69Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
ER3A DIOTEC-ER3A_07 Datasheet
69Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com