Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C56 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT93C56
Description  2-Kb Microwire Serial CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C56 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT93C56_07 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C56_07 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C56_07 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C56_07 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C56_07 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C56_07 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C56_07 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C56_07 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C56_07 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CAT93C56, CAT93C57
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-1088 Rev. P
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS, CAT93C56/57, Die Rev. E – Mature Product
(CAT93C56, Rev. E – NOT RECOMMENDED FOR NEW DESIGNS)
VCC = +1.8V to +5.5V, TA=-40°C to +125°C unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC1
Power Supply Current (Write)
fSK = 1MHz, VCC = 5.0V
3
mA
ICC2
Power Supply Current (Read)
fSK = 1MHz, VCC = 5.0V
500
µA
ISB1
Power Supply Current
(Standby) (x8 Mode)
VIN = GND or VCC, CS = GND
ORG = GND
10
µA
ISB2
Power Supply Current
(Standby) (x16 Mode)
VIN = GND or VCC, CS = GND
ORG = Float or VCC
10
µA
ILI
Input Leakage Current
VIN = GND to VCC
1
µA
ILO
Output Leakage Current
VOUT = GND to VCC, CS = GND
1
µA
VIL1
Input Low Voltage
4.5V ≤ VCC < 5.5V
-0.1
0.8
V
VIH1
Input High Voltage
4.5V ≤ VCC < 5.5V
2
VCC + 1
V
VIL2
Input Low Voltage
1.8V ≤ VCC < 4.5V
0
VCC x 0.2
V
VIH2
Input High Voltage
1.8V ≤ VCC < 4.5V
VCC x 0.7
VCC + 1
V
VOL1
Output Low Voltage
4.5V ≤ VCC < 5.5V, IOL = 2.1mA
0.4
V
VOH1
Output High Voltage
4.5V ≤ VCC < 5.5V, IOH = -400µA
2.4
V
VOL2
Output Low Voltage
1.8V ≤ VCC < 4.5V, IOL = 1mA
0.2
V
VOH2
Output High Voltage
1.8V ≤ VCC < 4.5V, IOH = -100µA
VCC - 0.2
V
PIN CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 5V
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT
(1)
Output Capacitance (DO)
VOUT = 0V
5
pF
CIN
(1)
Input Capacitance (CS, SK, DI, ORG)
VIN = 0V
5
pF
Notes:
(1) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.


Similar Part No. - CAT93C56_07

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C56_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAV93C56 ONSEMI-CAV93C56 Datasheet
136Kb / 10P
   2 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. 0
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com