Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C76 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT93C76
Description  8K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C76 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT93C76_07 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C76_07 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C76_07 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C76_07 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C76_07 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C76_07 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C76_07 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C76_07 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C76_07 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CAT93C76 (Rev. A)
Doc. No. MD-1090 Rev. B
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Erase
Upon receiving an ERASE command and address,
the CS (Chip Select) pin must be deasserted for a
minimum of tCSMIN. The falling edge of CS will start the
self clocking clear cycle of the selected memory
location. The clocking of the SK pin is not necessary
after the device has entered the self clocking mode.
The ready/busy status of the CAT93C76 can be
determined by selecting the device and polling the DO
pin. Once cleared, the content of a cleared location
returns to a logical “1” state.
Erase/Write Enable and Disable
The CAT93C76 powers up in the write disable state.
Any writing after power-up or after an EWDS (write
disable) instruction must first be preceded by the
EWEN (write enable) instruction. Once the write
instruction is enabled, it will remain enabled until
power to the device is removed, or the EWDS
instruction is sent. The EWDS instruction can be used
to disable all CAT93C76 write and clear instructions,
and will prevent any accidental writing or clearing of
the device. Data can be read normally from the device
regardless of the write enable/disable status.
Erase All
Upon receiving an ERAL command, the CS (Chip
Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
clear cycle of all memory locations in the device. The
clocking of the SK pin is not necessary after the
device has entered the self clocking mode. The
ready/busy status of the CAT93C76 can be
determined by selecting the device and polling the DO
pin. Once cleared, the contents of all memory bits
return to a logical “1” state.
Write All
Upon receiving a WRAL command and data, the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
data write to all memory locations in the device. The
clocking of the SK pin is not necessary after the
device has entered the self clocking mode. The
ready/busy status of the CAT93C76 can be
determined by selecting the device and polling the DO
pin. It is not necessary for all memory locations to be
cleared before the WRAL command is executed.
Note 1: After the last data bit has been sampled, Chip
Select (CS) must be brought Low before the next
rising edge of the clock (SK) in order to start the self-
timed high voltage cycle. This is important because if
CS is brought low before or after this specific frame
window,
the
addressed
location
will
not
be
programmed or erased.
Power-On Reset (POR)
The CAT93C76 incorporates Power-On Reset (POR)
circuitry
which
protects
the
device
against
malfunctioning
while
VCC
is
lower
than
the
recommended operating voltage.
The device will power up into a read-only state and
will power-down into a reset state when VCC crosses
the POR level of ~1.3 V.
Figure 4. Erase Instruction Timing
SK
CS
DI
DO
STANDBY
HIGH-Z
HIGH-Z
1
AN
AN-1
BUSY
READY
STATUS VERIFY
tSV
tHZ
tEW
tCS
11
A0


Similar Part No. - CAT93C76_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C76B ONSEMI-CAT93C76B Datasheet
176Kb / 13P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
CAT93C76B ONSEMI-CAT93C76B Datasheet
206Kb / 14P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
CAT93C76BHU4I-GT3 ONSEMI-CAT93C76BHU4I-GT3 Datasheet
176Kb / 13P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
CAT93C76BHU4I-GT3 ONSEMI-CAT93C76BHU4I-GT3 Datasheet
206Kb / 14P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
CAT93C76BLI-G ONSEMI-CAT93C76BLI-G Datasheet
176Kb / 13P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
More results

Similar Description - CAT93C76_07

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
   8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93AA76A MICROCHIP-93AA76A Datasheet
394Kb / 26P
   8K Microwire Compatible Serial EEPROM
2004
93AA76A MICROCHIP-93AA76A_06 Datasheet
498Kb / 28P
   8K Microwire Compatible Serial EEPROM
2006
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com