Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C76ZD4I-T2 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT93C76ZD4I-T2
Description  8K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C76ZD4I-T2 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT93C76ZD4I-T2 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C76ZD4I-T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C76ZD4I-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C76ZD4I-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C76ZD4I-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C76ZD4I-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C76ZD4I-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C76ZD4I-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C76ZD4I-T2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT93C76 (Rev. A)
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-1090 Rev. B
Characteristics subject to change without notice
PIN CAPACITANCE
(1)
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT
Output Capacitance (DO)
VOUT = 0V
5
pF
CIN
Input Capacitance (CS, SK, DI, ORG)
VIN = 0V
5
pF
INSTRUCTION SET
(2)
Address
Data
Instruction
Start
Bit
Opcode
x8
x16
x8
x16
Comments
READ
1
10
A10-A0
A9-A0
Read Address AN– A0
ERASE
1
11
A10-A0
A9-A0
Clear Address AN– A0
WRITE
1
01
A10-A0
A9-A0
D7-D0
D15-D0
Write Address AN– A0
EWEN
1
00
11XXXXXXXXX 11XXXXXXXX
Write Enable
EWDS
1
00
00XXXXXXXXX 00XXXXXXXX
Write Disable
ERAL
1
00
10XXXXXXXXX 10XXXXXXXX
Clear All Addresses
WRAL
1
00
01XXXXXXXXX 01XXXXXXXX
D7-D0
D15-D0
Write All Addresses
A.C. CHARACTERISTICS
Limits
VCC = 1.8V - 2.5V
VCC = 2.5V - 5.5V
Symbol
Parameter
Test
Conditions
Min
Max
Min
Max
Units
tCSS
CS Setup Time
100
50
ns
tCSH
CS Hold Time
0
0
ns
tDIS
DI Setup Time
100
50
ns
tDIH
DI Hold Time
100
50
ns
tPD1
Output Delay to 1
250
150
ns
tPD0
Output Delay to 0
CL = 100pF
(3)
250
150
ns
tHZ
(1)
Output Delay to High-Z
150
100
ns
tEW
Program/Erase Pulse Width
5
5
ms
tCSMIN
Minimum CS Low Time
200
150
ns
tSKHI
Minimum SK High Time
250
150
ns
tSKLOW
Minimum SK Low Time
250
150
ns
tSV
Output Delay to Status Valid
250
100
ns
SKMAX
Maximum Clock Frequency
DC
1000
DC
3000
kHz
POWER-UP TIMING
(1)(4)
Symbol
Parameter
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
Notes:
(1) These parameters are tested initially and after a design or process change that affects the parameter.
(2) Address bit A10 for the 1,024x8 org. and A9 for the 512x16 org. are “don’t care” bits, but must be kept at either a “1” or “0” for READ,
WRITE and ERASE commands.
(3) The input levels and timing reference points are shown in the “AC Test Conditions” table.
(4) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.


Similar Part No. - CAT93C76ZD4I-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C76ZD4I-GT2 ONSEMI-CAT93C76ZD4I-GT2 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
CAT93C76ZD4I-GT3 ONSEMI-CAT93C76ZD4I-GT3 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
More results

Similar Description - CAT93C76ZD4I-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
   8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93AA76A MICROCHIP-93AA76A Datasheet
394Kb / 26P
   8K Microwire Compatible Serial EEPROM
2004
93AA76A MICROCHIP-93AA76A_06 Datasheet
498Kb / 28P
   8K Microwire Compatible Serial EEPROM
2006
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com