Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C76LE-T2 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT93C76LE-T2
Description  8K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C76LE-T2 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT93C76LE-T2 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C76LE-T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C76LE-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C76LE-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C76LE-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C76LE-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C76LE-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C76LE-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C76LE-T2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT93C76 (Rev. A)
Doc. No. MD-1090 Rev. B
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Temperature Under Bias
–55 to +125
ºC
Storage Temperature
–65 to 150
ºC
Voltage on any Pin with Respect to Ground
(2)
-2.0 to +VCC +2.0
V
VCC with Respect to Ground
-2.0 to +7.0
V
Lead Soldering Temperature (10 seconds)
300
ºC
Output Short Circuit Current
(3)
100
mA
RELIABILITY CHARACTERISTICS
(3)
Symbol
Parameter
Reference Test Method
Min
Units
NEND
(4)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR
(4)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP
(4)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
V
ILTH
(4)(5)
Latch-Up
JEDEC Standard 17
100
mA
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +5.5V unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC1
Power Supply Current (Write)
fSK = 1MHz; VCC = 5.0V
1
3
mA
ICC2
Power Supply Current (Read)
fSK = 1MHz; VCC = 5.0V
300
500
µA
ISB1
Power Supply Current
(Standby) (x8 Mode)
CS = 0V ORG = GND
2
10
µA
ISB2
Power Supply Current
(Standby) (x16Mode)
CS = 0V ORG = Float or VCC
0
(6)
10
µA
ILI
Input Leakage Current
VIN = 0V to VCC
0
(6)
10
µA
ILO
Output Leakage Current
VOUT = 0V to VCC, CS = 0V
0
(6)
10
µA
ILORG
ORG Pin Leakage Current
ORG = GND or ORG = VCC
1
10
µA
VIL1
Input Low Voltage
4.5V ≤ VCC ≤ 5.5V
-0.1
0.8
V
VIH1
Input High Voltage
4.5V ≤ VCC ≤ 5.5V
2
VCC + 1
V
VIL2
Input Low Voltage
1.8V ≤ VCC < 4.5V
0
VCC x 0.2
V
VIH2
Input High Voltage
1.8V ≤ VCC < 4.5V
VCC x 0.7
VCC + 1
V
VOL1
Output Low Voltage
4.5V ≤ VCC ≤ 5.5V; IOL = 2.1mA
0.4
V
VOH1
Output High Voltage
4.5V ≤ VCC ≤ 5.5V; IOH = -400µA
2.4
V
VOL2
Output Low Voltage
1.8V ≤ VCC < 4.5V; IOL = 100µA
0.1
V
VOH2
Output High Voltage
1.8V ≤ VCC < 4.5V; IOH = -100µA
VCC - 0.2
V
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20ns.
(3) Output shorted for no more than one second.
(4) These parameters are tested initially and after a design or process change that affects the parameter.
(5) Latch-up protection is provided for stresses up to 100 mA on I/O pins from –1V to VCC +1V.
(6) 0µA is defined as less than 900nA.


Similar Part No. - CAT93C76LE-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C76LE-GT2 ONSEMI-CAT93C76LE-GT2 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
CAT93C76LE-GT3 ONSEMI-CAT93C76LE-GT3 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
More results

Similar Description - CAT93C76LE-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
   8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93AA76A MICROCHIP-93AA76A Datasheet
394Kb / 26P
   8K Microwire Compatible Serial EEPROM
2004
93AA76A MICROCHIP-93AA76A_06 Datasheet
498Kb / 28P
   8K Microwire Compatible Serial EEPROM
2006
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com