Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C76ZD4I-GT3 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT93C76ZD4I-GT3
Description  8K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C76ZD4I-GT3 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT93C76ZD4I-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C76ZD4I-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C76ZD4I-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C76ZD4I-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C76ZD4I-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C76ZD4I-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT93C76ZD4I-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT93C76ZD4I-GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT93C76ZD4I-GT3 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CAT93C76 (Rev. A)
© Catalyst Semiconductor, Inc.
11
Doc. No. MD-1090 Rev. B
Characteristics subject to change without notice
PIN#1
IDENTIFICATION
TDFN 8-Pad 3 x 3mm (ZD4)
(1)(2)
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A2
0.50
0.55
0.60
A3
0.20 REF
b
0.23
0.30
0.37
D
2.90
3.00
3.10
D2
2.20
2.30
2.40
E
2.90
3.00
3.10
E2
1.40
1.50
1.60
e
0.65 TYP
L
0.20
0.30
0.40
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MO-229.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.


Similar Part No. - CAT93C76ZD4I-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C76ZD4I-GT3 ONSEMI-CAT93C76ZD4I-GT3 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
More results

Similar Description - CAT93C76ZD4I-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
   8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93AA76A MICROCHIP-93AA76A Datasheet
394Kb / 26P
   8K Microwire Compatible Serial EEPROM
2004
93AA76A MICROCHIP-93AA76A_06 Datasheet
498Kb / 28P
   8K Microwire Compatible Serial EEPROM
2006
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com