Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86WE-1.8T2 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT93C86WE-1.8T2
Description  16K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C86WE-1.8T2 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT93C86WE-1.8T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86WE-1.8T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86WE-1.8T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86WE-1.8T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86WE-1.8T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C86WE-1.8T2 Datasheet HTML 10Page - Catalyst Semiconductor CAT93C86WE-1.8T2 Datasheet HTML 11Page - Catalyst Semiconductor CAT93C86WE-1.8T2 Datasheet HTML 12Page - Catalyst Semiconductor CAT93C86WE-1.8T2 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
CAT93C86
Doc. No. 1091, Rev. O
E2
A2
E
PIN 1
INDEX AREA
L
TDFN 8-Lead 3x3.eps
A3
PIN 1 ID
e
b
A1
3 x e
D2
D
A
SYMBOL
A
A1
A2
A3
b
D
D2
E
E2
e
L
MIN
0.70
0.00
0.45
0.25
2.90
2.20
2.30
2.90
1.40
0.20
0.30
0.40
NOM
0.75
0.02
0.55
0.20 REF
0.30
3.00
3.00
0.65 TYP
MAX
0.80
0.05
0.65
0.35
3.10
2.40
3.10
1.60
1.50
8-PAD TDFN 3X3 PACKAGE (ZD4)
Notes:
1.
All dimensions are in millimeters.
2.
Complies with JEDEC specification MO-229C.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.


Similar Part No. - CAT93C86WE-1.8T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86WE-1.8TE13 CATALYST-CAT93C86WE-1.8TE13 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C86WE-1.8T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com