Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT823LSDI-G Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT823LSDI-G
Description  System Supervisory Voltage Reset with Watchdog and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT823LSDI-G Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT823LSDI-G Datasheet HTML 1Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 2Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 3Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 4Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 5Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 6Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 7Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 8Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT823, CAT824, CAT825
Doc. No. MD-3027 Rev. A
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS
DC Characteristics: VCC = 3.0V to 5.5V for L/M versions; VCC = 2.0V to 3.6V for the R/S/T/Y/Z version,
-40ºC ≤ TA ≤ +85ºC unless otherwise noted. Typical Values at TA = 25ºC and VCC = 5V for L/M versions;
VCC = 3.3V for the T/S versions; VCC = 3.0V for the R version; and VCC = 2.5V for the Y/Z versions.
(1)
Symbol Parameter
Conditions
Min
Typ
Max
Units
CAT823 (L/M Versions)
CAT824 (L/M Versions)
6
17
µA
CAT823 (R/S/T/Y/Z Versions)
CAT824 (R/S/T/Y/Z Versions)
4
12
µA
CAT825 (L/M Versions)
3
8
µA
ICC
Supply Current
CAT825 (R/S/T/Y/Z Versions)
2
6
µA
CAT82_L at -40ºC ≤ TA ≤ +85ºC
4.50
4.63
4.75
V
CAT82_M at -40ºC ≤ TA ≤ +85ºC
4.25
4.38
4.50
V
CAT82_T at -40ºC ≤ TA ≤ +85ºC
3.00
3.08
3.15
V
CAT82_S at -40ºC ≤ TA ≤ +85ºC
2.85
2.93
3.00
V
CAT82_R at -40ºC ≤ TA ≤ +85ºC
2.55
2.63
2.70
V
CAT82_Z at -40ºC ≤ TA ≤ +85ºC
2.25
2.32
2.38
V
VRST
Reset Threshold
CAT82_Y at -40ºC ≤ TA ≤ +85ºC
2.13
2.19
2.25
V
Reset Threshold
Tempco
40
ppm/ºC
CAT82_L/M
10
mV
Reset Threshold
Hysteresis
CAT82_R/S/T/Y/Z
5
mV
tRD
VCC to Reset Delay
(2) V
CC = VTH to (VTH - 100mV)
20
µs
tRP
Reset Active
Timeout Period
140
200
400
ms
CAT82_L/M, VCC = VRST max,
ISOURCE = -120µA
VCC - 1.5V
VOH
RESET
¯¯¯¯¯¯ Output High
Voltage
CAT82_T/S/R/Z/Y, VCC = VRST max,
ISOURCE = -30µA
0.8 x VCC
CAT82_L/M, VCC = VRST min,
ISINK = 3.2mA
0.4
CAT82_T/S/R/Z/Y, VCC = VRST min,
ISINK = 1.2mA
0.3
TA = 0ºC to +70ºC, VCC = 1V,
VCC falling, ISINK = 50µA
0.3
VOL
RESET
¯¯¯¯¯¯ Output Low
Voltage
TA = TMIN to TMAX, VCC = 1.2V,
VCC falling, ISINK = 100µA
0.3
V
CAT82_L/M, Reset = 0V, VCC = 5.5V
1.5
ISOURCE
RESET
¯¯¯¯¯¯ Output
Short-Circuit Current CAT82_L/M, Reset = 0V, V
CC = 3.6V
0.8
mA
VOH
VCC > 1.8V, ISOURCE = -150µA
0.8 x VCC
CAT824L/M & CAT825L/M,
VCC = VRST max, ISINK = 3.2mA
0.4
VOL
Reset Output
Voltage
CAT824R/S/T/Y/Z & CAT825R/S/T/Y/Z,
VCC = VRST max, ISINK = 1.2mA
0.3
V
Notes:
(1) Over-temperature limits are guaranteed by design and not production tested.
(2) The RESET short-circuit current is the maximum pull-up current when reset is driven low by a bidirectional output.


Similar Part No. - CAT823LSDI-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823LSDI-G CATALYST-CAT823LSDI-G Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823LSDI-GT3 ONSEMI-CAT823LSDI-GT3 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
CAT823LSDI-GT3 ONSEMI-CAT823LSDI-GT3 Datasheet
141Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
CAT823LSDI-GT3 ONSEMI-CAT823LSDI-GT3 Datasheet
137Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
More results

Similar Description - CAT823LSDI-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com