Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4240 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT4240
Description  6 Watt Boost LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4240 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT4240 Datasheet HTML 1Page - Catalyst Semiconductor CAT4240 Datasheet HTML 2Page - Catalyst Semiconductor CAT4240 Datasheet HTML 3Page - Catalyst Semiconductor CAT4240 Datasheet HTML 4Page - Catalyst Semiconductor CAT4240 Datasheet HTML 5Page - Catalyst Semiconductor CAT4240 Datasheet HTML 6Page - Catalyst Semiconductor CAT4240 Datasheet HTML 7Page - Catalyst Semiconductor CAT4240 Datasheet HTML 8Page - Catalyst Semiconductor CAT4240 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT4240
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-5026 Rev. B
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 5V, VL = 13V, TAMB = 25ºC, typical application circuit unless otherwise specified.
Quiescent Current vs. VIN (Not Switching)
50
100
150
200
3.03.5
4.04.5
5.05.5
INPUT VOLTAGE [V]
VFB = 0.4V
Quiescent Current vs. VIN (Switching)
0.0
0.5
1.0
1.5
2.0
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]
FB pin voltage vs. Temperature
297
298
299
300
301
302
303
-50
0
50
100
150
TEMPERATURE [ºC]
FB Pin Voltage vs. Output Current
290
295
300
305
310
0
50
100
150
200
OUTPUT CURRENT [mA]
4 LEDs
Switching Frequency vs. Supply Voltage
0.8
0.9
1.0
1.1
1.2
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]
Switch ON Resistance vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE [V]


Similar Part No. - CAT4240

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4240 CATALYST-CAT4240 Datasheet
285Kb / 14P
   6 Watt Boost LED Driver
logo
ON Semiconductor
CAT4240 ONSEMI-CAT4240 Datasheet
186Kb / 12P
   6 Watt Boost LED Driver
February, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT4240TD-GT3 CATALYST-CAT4240TD-GT3 Datasheet
285Kb / 14P
   6 Watt Boost LED Driver
logo
ON Semiconductor
CAT4240TD-GT3 ONSEMI-CAT4240TD-GT3 Datasheet
298Kb / 14P
   6 Watt Boost LED Driver
Doc. No. MD-5026 Rev. D
CAT4240TD-GT3 ONSEMI-CAT4240TD-GT3 Datasheet
186Kb / 12P
   6 Watt Boost LED Driver
February, 2010 ??Rev. 3
More results

Similar Description - CAT4240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4240TD-GT3 ONSEMI-CAT4240TD-GT3 Datasheet
298Kb / 14P
   6 Watt Boost LED Driver
Doc. No. MD-5026 Rev. D
logo
Catalyst Semiconductor
CAT4240_0711 CATALYST-CAT4240_0711 Datasheet
285Kb / 14P
   6 Watt Boost LED Driver
logo
ON Semiconductor
CAT4240 ONSEMI-CAT4240 Datasheet
186Kb / 12P
   6 Watt Boost LED Driver
February, 2010 ??Rev. 3
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Shenzhen Huazhimei Semi...
HM3348 HMSEMI-HM3348 Datasheet
607Kb / 9P
   Boost LED Driver
logo
Integrated Device Techn...
ZLED7025 IDT-ZLED7025 Datasheet
599Kb / 26P
   Boost LED Driver
logo
Renesas Technology Corp
ZSLS7025 RENESAS-ZSLS7025 Datasheet
769Kb / 27P
   Boost LED Driver
April 20, 2016
logo
Diodes Incorporated
AL8821 DIODES-AL8821_17 Datasheet
270Kb / 14P
   BOOST LED DRIVER
logo
ON Semiconductor
LV52204MT ONSEMI-LV52204MT Datasheet
445Kb / 16P
   LED Boost Driver
May, 2014
logo
List of Unclassifed Man...
ZSLS7025 ETC2-ZSLS7025 Datasheet
240Kb / 3P
   Boost LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com