Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2846INJ-EE-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT2846INJ-EE-T1
Description  High Current Charge Pump with Dual LDO for Backlight and Flash Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2846INJ-EE-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT2846INJ-EE-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2846INJ-EE-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2846INJ-EE-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2846INJ-EE-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2846INJ-EE-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2846INJ-EE-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2846INJ-EE-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2846INJ-EE-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2846INJ-EE-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Typical Characteristics
Turn On to 1.5X Mode Backlight
(30mA/ch; Data 1; VIN = 3.4V)
Time (200µs/div)
IIN
(200mA/div)
VSINK
(500mV/div)
VEN
(2V/div)
VOUT
(2V/div)
0V
0V
0V
0A
Turn On to 1X Mode Backlight
(30mA/ch; Data 1; VIN = 4.2V)
Time (200µs/div)
I
IN
(200mA/div)
VSINK
(500mV/div)
VEN
(2V/div)
VOUT
(2V/div)
0V
0V
0V
0A
Flash Efficiency vs. Input Voltage
Input Voltage (V)
30
40
50
60
70
80
90
100
2.73.1
3.53.9
4.34.7
5.15.5
72mA/ch
150mA/ch
Backlight Efficiency vs. Input Voltage
Input Voltage (V)
30
40
50
60
70
80
90
100
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
20mA/ch
10.2mA/ch 1.6mA/ch
Flash Current Matching vs. Temperature
(150mA/Ch; Data 6)
Temperature (°C)
130
135
140
145
150
155
160
165
170
-40
-15
10
35
60
85
Backlight Current Matching vs. Temperature
(20mA/ch; Data 1)
Temperature (°C)
18.5
19.0
19.5
20.0
20.5
21.0
-40
-15
10
35
60
85
AAT2846
High Current Charge Pump with Dual LDO
for Backlight and Flash Applications
2846.2007.08.1.0
7


Similar Part No. - AAT2846INJ-EE-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2846INJ-EE-T1 ANALOGICTECH-AAT2846INJ-EE-T1 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
More results

Similar Description - AAT2846INJ-EE-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2856 ANALOGICTECH-AAT2856_08 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842 ANALOGICTECH-AAT2842 Datasheet
627Kb / 21P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2848 ANALOGICTECH-AAT2848 Datasheet
2Mb / 19P
   High-Current Charge Pump For Backlight Display and Flash Applications
AAT2856 ANALOGICTECH-AAT2856 Datasheet
491Kb / 22P
   High Current Charge Pump with Dual LDO for BacklightApplications
logo
SiGe Semiconductor, Inc...
AATIAN46 SIGE-AATIAN46 Datasheet
95Kb / 4P
   Multi-Mode Charge Pump For White LED Backlight and Flash Applications
logo
Advanced Analogic Techn...
AAT2801 ANALOGICTECH-AAT2801 Datasheet
747Kb / 20P
   Multi-Mode Charge Pump for White LED Backlight and Flash Applications
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
   Dual High Efficiency Charge Pump For White LED and Flash Applications
logo
Advanced Analog Technol...
AAT2806 AAT-AAT2806 Datasheet
582Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com