Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7147ACPZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD7147ACPZ-REEL
Description  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147ACPZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7147ACPZ-REEL Datasheet HTML 3Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 4Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 5Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 6Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 7Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 8Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 9Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 10Page - Analog Devices AD7147ACPZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
AD7147
Rev. 0 | Page 7 of 68
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
VCC to GND
−0.3 V to +3.6 V
Analog Input Voltage to GND
−0.3 V to VCC + 0.3 V
Digital Input Voltage to GND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDRIVE + 0.3 V
Input Current to Any Pin Except Supplies1
10 mA
ESD Rating (Human Body Model)
2.5 kV
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
LFCSP
Power Dissipation
450 mW
θJA Thermal Impedance
135.7°C/W
IR Reflow Peak Temperature
260°C (±0.5°C)
Lead Temperature (Soldering 10 sec)
300°C
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
200µA
IOL
200µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 4. Load Circuit for Digital Output Timing Specifications
ESD CAUTION


Similar Part No. - AD7147ACPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147ACPZ-REEL AD-AD7147ACPZ-REEL Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results

Similar Description - AD7147ACPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
AD7147A AD-AD7147A Datasheet
699Kb / 69P
   CapTouch Programmable Controller
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com