Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT5562SGRE Datasheet(PDF) 3 Page - Aimtron Technology

Part # AT5562SGRE
Description  2-channel DC Motor Driver For Toy
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT5562SGRE Datasheet(HTML) 3 Page - Aimtron Technology

  AT5562SGRE Datasheet HTML 1Page - Aimtron Technology AT5562SGRE Datasheet HTML 2Page - Aimtron Technology AT5562SGRE Datasheet HTML 3Page - Aimtron Technology AT5562SGRE Datasheet HTML 4Page - Aimtron Technology AT5562SGRE Datasheet HTML 5Page - Aimtron Technology AT5562SGRE Datasheet HTML 6Page - Aimtron Technology AT5562SGRE Datasheet HTML 7Page - Aimtron Technology AT5562SGRE Datasheet HTML 8Page - Aimtron Technology AT5562SGRE Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AT5562
Preliminary Product Information
2-channel DC Motor Driver For Toy
7F, No.9, Park Avenue II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
06/11/07 REV:0.3
Email: service@aimtron.com.tw
3
Pin Description
DIP-16
Pin NO.
Symbol
I/O
Description
1
IN2B
I
It combines IN2A to decide the state of the driver2
2
IN2A
I
It combines IN2B to decide the state of the driver2
3
OUT2B
O
H-bridge output terminal 2B of the driver2
4
PGND1
G
Power GND
5
AGND
G
GND
6
OUT2A
O
H-bridge output terminal 2A of the driver2
7
VM2
P
Power supply for driver2
8
VCC
P
Power supply
9
D1A
I
Cathode of upper diode in OUT1A. It must be connected to VM1 or
higher power supply for turbo function.
10
VM1
P
Power supply for driver1
11
OUT1A
O
H-bridge output terminal 1A of the driver1
12
AGND
G
GND
13
PGND2
G
Power GND
14
OUT1B
O
H-bridge output terminal 1B of the driver1
15
IN1A
I
It combines IN1B to decide the state of the driver1
16
IN1B
I
It combines IN1A to decide the state of the driver1
SOP-14
Pin NO.
Symbol
I/O
Description
1
IN2B
I
It combines IN2A to decide the state of the driver2
2
IN2A
I
It combines IN2B to decide the state of the driver2
3
OUT2B
O
H-bridge output terminal 2B of the driver2
4
GND
G
GND
5
OUT2A
O
H-bridge output terminal 2A of the driver2
6
VM2
P
Power supply for driver2
7
VCC
P
Power supply
8
D1A
I
Cathode of upper diode in OUT1A. It must be connected to VM1 or
higher power supply for turbo function.
9
VM1
P
Power supply for driver1
10
OUT1A
O
H-bridge output terminal 1A of the driver1
11
GND
G
GND
12
OUT1B
O
H-bridge output terminal 1B of the driver1
13
IN1A
I
It combines IN1B to decide the state of the driver1
14
IN1B
I
It combines IN1A to decide the state of the driver1


Similar Part No. - AT5562SGRE

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT5560 AIMTRON-AT5560 Datasheet
331Kb / 10P
   VCM Driver for Mobile Phone
More results

Similar Description - AT5562SGRE

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2011 GMT-G2011 Datasheet
80Kb / 1P
   2-Channel DC Motor Driver for Toy
G2010 GMT-G2010 Datasheet
90Kb / 1P
   1-Channel DC Motor Driver for Toy
logo
Jiaxing Heroic Technolo...
HR1124S HEROIC-HR1124S Datasheet
189Kb / 3P
   Toy single channel DC motor driver
logo
Unisonic Technologies
UMD9112 UTC-UMD9112 Datasheet
153Kb / 7P
   ELECTRIC TOY DC MOTOR DRIVE CIRCUIT
logo
Aimtron Technology
AT5550 AIMTRON-AT5550 Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
logo
Global Mixed-mode Techn...
G2024 GMT-G2024 Datasheet
120Kb / 1P
   1-Channel DC Motor driver for DSC
logo
Siemens Semiconductor G...
TLE4202B SIEMENS-TLE4202B Datasheet
106Kb / 14P
   2-A DC Motor Driver
logo
List of Unclassifed Man...
L9110 ETC2-L9110 Datasheet
313Kb / 5P
   2-CHANNEL MOTOR DRIVER
logo
Sanyo Semicon Device
STK6972C SANYO-STK6972C Datasheet
139Kb / 1P
   DC MOTOR DRIVER (2-CHANNELS)
logo
Shenzhen Huazhimei Semi...
HM2526 HMSEMI-HM2526 Datasheet
1Mb / 14P
   Toy motor drive with 1-2 Lithium-ion battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com