Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS75LXST Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS75LXST
Description  Digital Thermometer and Thermostat with Extended Addressing
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75LXST Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS75LXST Datasheet HTML 1Page - Maxim Integrated Products DS75LXST Datasheet HTML 2Page - Maxim Integrated Products DS75LXST Datasheet HTML 3Page - Maxim Integrated Products DS75LXST Datasheet HTML 4Page - Maxim Integrated Products DS75LXST Datasheet HTML 5Page - Maxim Integrated Products DS75LXST Datasheet HTML 6Page - Maxim Integrated Products DS75LXST Datasheet HTML 7Page - Maxim Integrated Products DS75LXST Datasheet HTML 8Page - Maxim Integrated Products DS75LXST Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS1386/DS1386P
2 of 13
ABSOLUTE MAXIMUM RATINGS
Voltage Range on VDD, Relative to Ground
-0.3V to +4.0V
Voltage Range on Any Other Pin, Relative to Ground
-0.3V to +6.0V
Operating Temperature Range
-55°C to +125°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020
These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
The Dallas Semiconductor DS75LX is built to the highest quality standards and manufactured for long-term
reliability. All Dallas Semiconductor devices are made using the same quality materials and manufacturing
methods. However, the DS75LX is not exposed to environmental stresses, such as burn-in, that some industrial
applications require. For specific reliability information on this product, contact the factory in Dallas at (972) 371-
4448.
DC ELECTRICAL CHARACTERISTICS
(1.7V
≤ V
DD ≤ 3.7V, TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Supply Voltage
VDD
(Note 1)
1.7
3.7
V
-25°C to +100°C
±2.0
Thermometer Error
(Note 2)
TERR
-55°C to +125°C
±3.0
°C
Input Logic-High SDA,
SCL
VIH
(Note 3)
0.7 x VDD
VDD + 0.3
V
Input Logic-Low SDA,
SCL
VIL
VSS - 0.3
0.3 x VDD
V
VOL1
3mA sink current
0
0.4
SDA Output Logic-Low
Voltage (Note 3)
VOL2
6mA sink current
0
0.6
V
O.S. Saturation Voltage
VOL
4mA sink current
(Notes 2, 3)
0.8
V
Input Current SDA, SCL
0.4 < VI/O < 0.9VDD
-10
+10
µA
I/O Capacitance
CI/O
10
pF
Address Input Sink
Current
ILAH
A0, A1, or A2 tied to VDD
(Notes 4, 5)
0.2
3.5
µA
Address Input Source
Current
ILAL
A0, A1, or A2 tied to GND
(Notes 4, 5)
0.2
3.5
µA
Address Voltage High
VAH
(Note 6)
VDD - .04
V
Address Voltage Low
VAL
(Note 6)
VSS + .04
V
Standby Current
IDD1
(Notes 4, 5)
13
µA
Active temp conversions
1000
Active Current
(Notes 1, 4, 5)
IDD
Communication only
100
µA
AC ELECTRICAL CHARACTERISTICS
(1.7V
≤ V
DD ≤ 3.7V, TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
9
12
Bits
9-bit conversions
25
10-bit conversions
50
11-bit conversions
100
Temperature Conversion
Time
tCONVT
12-bit conversions
200
ms


Similar Part No. - DS75LXST

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS75LX DALLAS-DS75LX Datasheet
234Kb / 13P
   Digital Thermometer and Thermostat with Extended Addressing
DS75LXUTR DALLAS-DS75LXUTR Datasheet
234Kb / 13P
   Digital Thermometer and Thermostat with Extended Addressing
More results

Similar Description - DS75LXST

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS75LXUTR DALLAS-DS75LXUTR Datasheet
234Kb / 13P
   Digital Thermometer and Thermostat with Extended Addressing
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com