Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5269WI-50 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT5269WI-50
Description  Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5269WI-50 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT5269WI-50 Datasheet HTML 7Page - Catalyst Semiconductor CAT5269WI-50 Datasheet HTML 8Page - Catalyst Semiconductor CAT5269WI-50 Datasheet HTML 9Page - Catalyst Semiconductor CAT5269WI-50 Datasheet HTML 10Page - Catalyst Semiconductor CAT5269WI-50 Datasheet HTML 11Page - Catalyst Semiconductor CAT5269WI-50 Datasheet HTML 12Page - Catalyst Semiconductor CAT5269WI-50 Datasheet HTML 13Page - Catalyst Semiconductor CAT5269WI-50 Datasheet HTML 14Page - Catalyst Semiconductor CAT5269WI-50 Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CAT5269
© Catalyst Semiconductor, Inc.
11
Doc. No. MD-2123 Rev. C
Characteristics subject to change without notice
Figure 10. Increment/Decrement Timing Limits
INSTRUCTION FORMAT
Read Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
DATA
0 1 0 1 A A A A
1 0 0 1 0 0 P P
76 54321 0
S
T
A
R
T
3 2 1 0
A
C
K
1 0
A
C
K
A
C
K
S
T
O
P
Write Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
DATA
0 1 0 1 A A A A
1 0 1 0 0 0 P P
7654321 0
S
T
A
R
T
3 2 1 0
A
C
K
1 0
A
C
K
A
C
K
S
T
O
P
Read Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
DATA
0 1 0 1 A A A A
1 0 1 1 R R P P
7654321 0
S
T
A
R
T
3 2 1 0
A
C
K
1 010
A
C
K
A
C
K
S
T
O
P
Write Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
DATA
0 1 0 1 A A A A
1 1 0 0 R R P P
7654321 0
S
T
A
R
T
3 2 1 0
A
C
K
1 010
A
C
K
A
C
K
S
T
O
P
SCL
SDA
RW
INC/DEC
Command
Issued
Voltage Out
tWRL


Similar Part No. - CAT5269WI-50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
CAT5269WI-50-T1 ONSEMI-CAT5269WI-50-T1 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
CAT5269WI-50-T1 ONSEMI-CAT5269WI-50-T1 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
logo
Catalyst Semiconductor
CAT5269WI-50TE13 CATALYST-CAT5269WI-50TE13 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269WI-50TE13 CATALYST-CAT5269WI-50TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results

Similar Description - CAT5269WI-50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259 Datasheet
137Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419 ONSEMI-CAT5419 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
logo
Catalyst Semiconductor
CAT5419 CATALYST-CAT5419_07 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com