Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B3GB003Z-B10 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FTR-B3GB003Z-B10
Description  MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3GB003Z-B10 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button FTR-B3GB003Z-B10 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B3GB003Z-B10 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3GB003Z-B10 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3GB003Z-B10 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3GB003Z-B10 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3GB003Z-B10 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3GB003Z-B10 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3GB003Z-B10 Datasheet HTML 9Page - Fujitsu Component Limited. FTR-B3GB003Z-B10 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Ftr-B3 series
continued
n
CHaraCterIstIC Data
2
1
0.5
0.3
0.2
0.1
1
2
5
10
20 30 50 100 200
Maximum Switching Power
Contact Voltage (V)
AC Resistive
DC Resistive
100
70
50
40
30
20
10
0
0.2
0.4
0.6
0.8
1.0
1.2
Life Curve
Contact Current (A)
30
VDC
Resistive
n
reFereNCe Data
100
80
60
40
20
0
10
20
30
40
50
60
70
80
Distribution of Operate
and Release Voltage
Nominal Voltage Multiplying Factor (%)
FTR-B3GA4.5Z
n=100
Operate
Release
100
80
60
40
20
0
10
20
30
40
50
60
70
80
Distribution of Operate
and Release Voltage
Nominal Voltage Multiplying Factor (%)
FTR-B3GB4.5Z
n=100
Operate
Release
100
80
60
40
20
0
1
2
3
4
5
Distribution of Operate
and Release Time
Time (ms)
FTR-B3GA4.5Z
n=100
Operate
Release
100
80
60
40
20
0
1
2
3
4
5
Distribution of Bounce Time
FTR-B3GA4.5Z
N=100
Operate
Release
Time (ms)
100
80
60
40
20
0
20
40
60
80
100
Distribution of Contact Resistance
FTR-B3GA4.5Z
n=100
Make
Break
Contact Resistance (m
)
100
80
60
40
20
0
500
100
50
10
5
100
500 1000 2000 3000 5000
Mechanical Life Test
Operation (x104)
Operating Voltage
Release Voltage
Make
Break
FTR-B3GA4.5Z
n=8
1200 operations/min.
Initial
continued


Similar Part No. - FTR-B3GB003Z-B10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3GB003Z-RF FUJITSU-FTR-B3GB003Z-RF Datasheet
294Kb / 7P
   ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
More results

Similar Description - FTR-B3GB003Z-B10

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
RY-12WZ-K LITEON-RY-12WZ-K Datasheet
428Kb / 9P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com