Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT6217-280TD-GT3 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT6217-280TD-GT3
Description  150mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6217-280TD-GT3 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT6217-280TD-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT6217-280TD-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT6217-280TD-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT6217-280TD-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT6217-280TD-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT6217-280TD-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT6217-280TD-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT6217-280TD-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT6217-280TD-GT3 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT6217
© 2007 Catalyst Semiconductor, Inc.
9
Doc. No. MD-4011 Rev. A
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION (1)(2)(3)(5)
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard finish is NiPdAu.
(3) The device used in the above example is a CAT6217-285TD-GT3 (VOUT = 2.85V, in an TSOT-23 package, NiPdAu, Tape and Reel, 3000 units).
(4) Standard voltages are 1.50V, 1.80V, 2.50V, 2.80V, and 2.85V. For other voltage options, please contact your nearest Catalyst
Semiconductor Sales office.
(5) Top marking for CAT6217 is RT.
Ordering Number
VOUT Voltage
Package
Quantity per Reel
CAT6217-150TD-GT3
1.50V
TSOT-23
3000
CAT6217-180TD-GT3
1.80V
TSOT-23
3000
CAT6217-250TD-GT3
2.50V
TSOT-23
3000
CAT6217-280TD-GT3
2.80V
TSOT-23
3000
CAT6217-285TD-GT3
2.85V
TSOT-23
3000
CAT6217-330TD-GT3
(4)
3.30V
TSOT-23
3000
Prefix Device #
Suffix
CAT
6217
-285
TD
-G
T3
Product Number
6217
VOUT Voltage
(4)
150: 1.50V
180: 1.80V
250: 2.50V
280: 2.80V
285: 2.85V
330: 3.30V
Company ID
Package
TD: TSOT-23
Lead Finish
G: NiPdAu
Tape & Reel
T: Tape & Reel
3: 3000 Units/Reel


Similar Part No. - CAT6217-280TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217-280TD-GT3 CATALYST-CAT6217-280TD-GT3 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results

Similar Description - CAT6217-280TD-GT3

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com