Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD08DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD08DR
Description  WIDE SUPPLY RANGE RS-485 TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD08DR Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD08DR Datasheet HTML 1Page - Texas Instruments SN65HVD08DR Datasheet HTML 2Page - Texas Instruments SN65HVD08DR Datasheet HTML 3Page - Texas Instruments SN65HVD08DR Datasheet HTML 4Page - Texas Instruments SN65HVD08DR Datasheet HTML 5Page - Texas Instruments SN65HVD08DR Datasheet HTML 6Page - Texas Instruments SN65HVD08DR Datasheet HTML 7Page - Texas Instruments SN65HVD08DR Datasheet HTML 8Page - Texas Instruments SN65HVD08DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
DRIVER SWITCHING CHARACTERISTICS
RECEIVER SWITCHING CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
60
Ω ±1%
VOD
0 or 3 V
_
+
–7 V < V(test) < 12 V
DE
VCC
A
B
D
375
Ω ±1%
375
Ω ±1%
VOC
27
Ω ± 1%
Input
A
B
VA
VB
VOC(PP)
∆VOC(SS)
VOC
27
Ω ± 1%
CL = 50 pF ±20%
D
A
B
DE
VCC
Input: PRR = 500 kHz, 50% Duty Cycle,tr<6ns, tf<6ns, ZO = 50 Ω
CL Includes Fixture and
Instrumentation Capacitance
SN75HVD08, SN65HVD08
SLLS550C – NOVEMBER 2002 – REVISED JULY 2006
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Driver high-to-low propagation delay time
18
40
tPLH
Driver low-to-high propagation delay time
18
40
tr
Driver 10%-to-90% differential output rise time
RL = 54 Ω, CL = 50 pF,See Figure 3
10
55
ns
tf
Driver 90%-to-10% differential output fall time
10
55
tSK(P)
Driver differential output pulse skew, |tPHL - tPLH|
2.5
Receiver enabled, See Figures 4 and 5
55
ns
ten
Driver enable time
Receiver disabled, See Figures 4 and 5
6
µs
tdis
Driver disable time
Receiver enabled, See Figures 4 and 5
90
ns
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Receiver high-to-low propagation delay time
70
tPLH
Receiver low-to-high propagation delay time
70
tr
Receiver 10%-to-90% differential output rise time
CL = 15 pF, See Figure 6
5
ns
tf
Receiver 90%-to-10% differential output fall time
5
tSK(P)
Receiver differential output pulse skew, |tPHL - tPLH|
4.5
Driver enabled, See Figure 7
15
ns
ten
Receiver enable time
Driver disabled, See Figure 8
6
µs
tdis
Receiver disable time
Driver enabled, See Figure 7
20
ns
Figure 1. Driver VOD With Common-Mode Loading Test Circuit
Figure 2. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
4
Submit Documentation Feedback


Similar Part No. - SN65HVD08DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD08DR TI-SN65HVD08DR Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08DR TI-SN65HVD08DR Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08DRG4 TI-SN65HVD08DRG4 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08DRG4 TI-SN65HVD08DRG4 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD08DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD08 TI-SN75HVD08_08 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08 TI-SN75HVD08 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
XR33032 EXAR-XR33032 Datasheet
403Kb / 19P
   WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202 Datasheet
299Kb / 7P
   Wide Supply TIA-485/TIA-422 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com