Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMBT2222
Description  Surface Mount Si-Epi-Planar Switching Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT2222 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBT2222_07 Datasheet HTML 1Page - Diotec Semiconductor MMBT2222_07 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBT2222 / MMBT2222A
Min.
Typ.
Max.
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung 2)
IC = 150 mA, IB = 15 mA
MMBT2222
MMBT2222A
VCEsat
VCEsat
0.4 V
0.3 V
IC = 500 mA, IB = 50 mA
MMBT2222
MMBT2222A
VCEsat
VCEsat
1.6 V
1.0 V
Base-Emitter saturation voltage – Basis-Sättigungsspannung 2)
IC = 150 mA, IB = 15 mA
MMBT2222
MMBT2222A
VBEsat
VBEsat
0.65 V
1.3 V
1.2 V
IC = 500 mA, IB = 50 mA
MMBT2222
MMBT2222A
VBEsat
VBEsat
2.6 V
2.0 V
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 50 V, (E open)
VCB = 60 V, (E open)
MMBT2222
MMBT2222A
ICBO
ICBO
10 nA
10 nA
VCB = 50 V, Tj = 125°C, (E open)
VCB = 60 V, Tj = 125°C, (E open)
MMBT2222
MMBT2222A
ICBO
ICBO
10 µA
10 µA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
VEB = 3 V, (C open)
MMBT2222A
IEB0
–-
100 nA
Gain-Bandwidth Product – Transitfrequenz
VCE = 20 V, IC = 20 mA, f = 100 MHz
fT
250 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 10 V, IE = ie = 0, f = 1 MHz
CCBO
––
8 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEBO
25 pf
Noise figure – Rauschzahl
VCE = 10 V, IC = 100 µA, RG = 1 kΩ, f = 1 kHz MMBT2222A
F
4 dB
Switching times – Schaltzeiten (between 10% and 90% levels)
delay time
rise time
VCC = 3 V, VBE = 0.5 V
IC = 150 mA, IB1 = 15mA
td
10 ns
tr
25 ns
storage time
fall time
VCC = 3 V, IC = 150 mA,
IB1 = IB2 = 15 mA
ts
225 ns
tf
60 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
MMBT2709 / MMBT2709A
Marking - Stempelung
MMBT2222 = 1B
MMBT2222A = M1P
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - MMBT2222_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT2222A PHILIPS-MMBT2222A Datasheet
47Kb / 8P
   NPN switching transistor
2000 Apr 11
logo
SHIKUES Electronics
MMBT2222A SKTECHNOLGY-MMBT2222A Datasheet
677Kb / 3P
   TRANSISTOR (NPN)
logo
Infineon Technologies A...
MMBT2222A INFINEON-MMBT2222A Datasheet
538Kb / 8P
   Low collector-emitter saturation voltage
2011-08-19
logo
Bruckewell Technology L...
MMBT2222A BWTECH-MMBT2222A Datasheet
423Kb / 5P
   NPN General Purpose Amplifier
logo
Weitron Technology
MMBT2222A WEITRON-MMBT2222A Datasheet
367Kb / 6P
   NPN General Purpose Transistors
More results

Similar Description - MMBT2222_07

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2907 DIOTEC-MMBT2907_15 Datasheet
100Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT3904 DIOTEC-MMBT3904_15 Datasheet
101Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT3904 DIOTEC-MMBT3904 Datasheet
99Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT3906 DIOTEC-MMBT3906 Datasheet
100Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT3904 DIOTEC-MMBT3904_10 Datasheet
99Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT2907 DIOTEC-MMBT2907_07 Datasheet
99Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT2369 DIOTEC-MMBT2369 Datasheet
98Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT3906 DIOTEC-MMBT3906_09 Datasheet
104Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
MMBT2222A DIOTEC-MMBT2222A Datasheet
100Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
PN2222 DIOTEC-PN2222 Datasheet
97Kb / 2P
   Si-Epi-Planar Switching Transistors Si-Epi-Planar Schalttransistoren
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com