Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD08PE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65HVD08PE4
Description  WIDE SUPPLY RANGE RS-485 TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD08PE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD08PE4 Datasheet HTML 5Page - Texas Instruments SN65HVD08PE4 Datasheet HTML 6Page - Texas Instruments SN65HVD08PE4 Datasheet HTML 7Page - Texas Instruments SN65HVD08PE4 Datasheet HTML 8Page - Texas Instruments SN65HVD08PE4 Datasheet HTML 9Page - Texas Instruments SN65HVD08PE4 Datasheet HTML 10Page - Texas Instruments SN65HVD08PE4 Datasheet HTML 11Page - Texas Instruments SN65HVD08PE4 Datasheet HTML 12Page - Texas Instruments SN65HVD08PE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
2.5
2
1.5
1
2.5
3
3.5
4
4.5
3
3.5
DIFFERENTIAL OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
4
5
5.5
6
VCC – Supply Voltage – V
D and DE at VCC
RL = 54 Ω
TA = –40°C
TA = 25°C
TA = 85°C
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
0
10
20
30
40
50
60
70
DRIVER OUTPUT CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
TA = 25°C
DE at VCC
D at VCC
RL = 54 Ω
1
0.5
0
2.5
3.5
4.5
1.5
2
LOGIC INPUT THRESHOLD VOLTAGE
vs
SUPPLY VOLTAGE
2.5
5.5
6.5
VCC – Supply Voltage – V
Positive Going
Negative Going
TA = 25°C
D, DE or RE input
40
60
80
100
120
0
2.5
5
7.5
10
Signaling Rate – Mbps
RMS SUPPLY CURRENT
vs
SIGNALING RATE
TA = 25°C
RE at VCC
DE at VCC
RL = 54 Ω
CL = 50 pF
VCC = 5 V
SN75HVD08, SN65HVD08
SLLS550C – NOVEMBER 2002 – REVISED JULY 2006
Figure 9.
Figure 10.
Figure 11.
Figure 12.
9
Submit Documentation Feedback


Similar Part No. - SN65HVD08PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD08PE4 TI-SN65HVD08PE4 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08PE4 TI-SN65HVD08PE4 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD08PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD08 TI-SN75HVD08_08 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08 TI-SN75HVD08 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
XR33032 EXAR-XR33032 Datasheet
403Kb / 19P
   WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202 Datasheet
299Kb / 7P
   Wide Supply TIA-485/TIA-422 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com