Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25640VI-GT3 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT25640VI-GT3
Description  64-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25640VI-GT3 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT25640VI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT25640
Doc. No. MD-1128 Rev. B
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN DESCRIPTION
SI:
The serial data input pin accepts op-codes,
addresses and data. In SPI modes (0,0) and (1,1)
input data is latched on the rising edge of the SCK
clock input.
SO:
The serial data output pin is used to transfer data
out of the device. In SPI modes (0,0) and (1,1) data is
shifted out on the falling edge of the SCK clock.
SCK:
The serial clock input pin accepts the clock
provided by the host and used for synchronizing
communication between host and CAT25640.
CS
¯¯ :
The chip select input pin is used to
enable/disable the CAT25640. When CS
¯¯ is high, the
SO output is tri-stated (high impedance) and the
device is in Standby Mode (unless an internal write
operation is in progress). Every communication
session between host and CAT25640 must be
preceded by a high to low transition and concluded
with a low to high transition of the CS
¯¯ input.
WP
¯¯¯:
The write protect input pin will allow all write
operations to the device when held high. When WP
¯¯¯
pin is tied low and the WPEN bit in the Status
Register (refer to Status Register description, later in
this Data Sheet) is set to “1”, writing to the Status
Register is disabled.
HOLD
¯¯¯¯¯:
The HOLD
¯¯¯¯¯ input pin is used to pause trans–
mission between host and CAT25640, without
having to retransmit the entire sequence at a later
time. To pause, HOLD
¯¯¯¯¯ must be taken low and to
resume it must be taken back high, with the SCK
input low during both transitions. When not used for
pausing, the HOLD
¯¯¯¯¯ input should be tied to VCC,
either directly or through a resistor.
FUNCTIONAL DESCRIPTION
The CAT25640 device supports the Serial Peripheral
Interface (SPI) bus protocol, modes (0,0) and (1,1). The
device contains an 8-bit instruction register. The
instruction set and associated op-codes are listed in
Table 1.
Reading data stored in the CAT25640 is accomplished
by simply providing the READ command and an
address. Writing to the CAT25640, in addition to a
WRITE command, address and data, also requires
enabling the device for writing by first setting certain bits
in a Status Register, as will be explained later.
After a high to low transition on the CS
¯¯ input pin, the
CAT25640 will accept any one of the six instruction op-
codes listed in Table 1 and will ignore all other possible
8-bit combinations. The communication protocol follows
the timing from Figure 1.
Table 1: Instruction Set
Instruction
Opcode
Operation
WREN
0000 0110 Enable Write Operations
WRDI
0000 0100 Disable Write Operations
RDSR
0000 0101 Read Status Register
WRSR
0000 0001 Write Status Register
READ
0000 0011 Read Data from Memory
WRITE
0000 0010 Write Data to Memory
Figure 1. Synchronous Data Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
VALID IN
VIH
VIL
tCSS
VIH
VIL
VIH
VIL
VOH
VOL
HI-Z
tSU
tH
tWH
tWL
tV
tCS
tCSH
tHO
tDIS
HI-Z
CS
SCK
SI
SO
tRI
tFI


Similar Part No. - CAT25640VI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25640VI-GT3 ONSEMI-CAT25640VI-GT3 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
CAT25640VI-GT3 ONSEMI-CAT25640VI-GT3 Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640VI-GT3 ONSEMI-CAT25640VI-GT3 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
More results

Similar Description - CAT25640VI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640LI-G ONSEMI-CAT25640LI-G Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640 ONSEMI-CAT25640 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com