Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25640VI-GT3 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT25640VI-GT3
Description  64-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25640VI-GT3 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT25640VI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25640VI-GT3 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT25640
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-1128 Rev. B
Characteristics subject to change without notice
SCK
SI
SO
00
0
0
00
10
D7 D6 D5 D4 D3 D2 D1 D0
01234
5678
21
22
23
24
25
26
27
28
29
30
31
CS
OPCODE
* Please check the Byte Address Table (Table 5)
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
AN
A0
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 16-bit
address and data as shown in Figure 4. Only 13
significant address bits are used by the CAT25640.
The rest are don’t care bits, as shown in Table 5.
Internal programming will start after the low to high CS
¯¯
transition.
During
an
internal
write
cycle,
all
commands, except for RDSR (Read Status Register)
will be ignored. The RDY
¯¯¯¯ bit will indicate if the internal
write cycle is in progress (RDY
¯¯¯¯ high), or the the
device is ready to accept commands (RDY
¯¯¯¯ low).
Page Write
After sending the first data byte to the CAT25640, the
host may continue sending data, up to a total of 64
bytes, according to timing shown in Figure 5. After
each data byte, the lower order address bits are
automatically incremented, while the higher order
address bits (page address) remain unchanged. If
during this process the end of page is exceeded, then
loading will “roll over” to the first byte in the page, thus
possibly overwriting previoualy loaded data. Following
completion of the write cycle, the CAT25640 is
automatically returned to the write disable state.
Table 5. Byte Address
Device
Address Significant Bits
Address Don't Care Bits
# Address Clock Pulses
CAT25640
A12 - A0
A15 - A13
16
Figure 4. Byte WRITE Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
Figure 5. Page WRITE Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
SCK
SI
SO
00
0
0
00
10
BYTE ADDRESS*
Data
Byte 1
012345678
21
22
23 24-31 32-39
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
DATA IN
HIGH IMPEDANCE
AN
A0
*Please check the Byte Address Table. (Table 5)


Similar Part No. - CAT25640VI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25640VI-GT3 ONSEMI-CAT25640VI-GT3 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
CAT25640VI-GT3 ONSEMI-CAT25640VI-GT3 Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640VI-GT3 ONSEMI-CAT25640VI-GT3 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
More results

Similar Description - CAT25640VI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640LI-G ONSEMI-CAT25640LI-G Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640 ONSEMI-CAT25640 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com