Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA06 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MPSA06
Description  General Purpose Si-Epitaxial PlanarTransistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MPSA06 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MPSA06 Datasheet HTML 1Page - Diotec Semiconductor MPSA06 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPSA05 ... MPSA06
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Emitter-Base cutoff current – Emitter-Basis-Reststrom
VEB = 4 V, (C open)
IEB0
100 nA
Gain-Bandwidth Product – Transitfrequenz
IC = 10 mA, VCE = 2 V, f = 100 MHz
fT
100 MHz
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 200 K/W 1)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
MPSA55, MPSA56
1
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1


Similar Part No. - MPSA06

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
   General Purpose NPN Transistors
logo
Motorola, Inc
MPSA06 MOTOROLA-MPSA06 Datasheet
239Kb / 6P
   Amplifier Transistors
logo
Weitron Technology
MPSA06 WEITRON-MPSA06 Datasheet
107Kb / 4P
   Driver NPN Transistors
logo
Unisonic Technologies
MPSA06 UTC-MPSA06 Datasheet
250Kb / 4P
   NPN TRANSISTOR
logo
Micro Commercial Compon...
MPSA06 MCC-MPSA06 Datasheet
865Kb / 4P
   NPN Small Signal Transistor 625 mW
More results

Similar Description - MPSA06

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC556 DIOTEC-BC556_07 Datasheet
100Kb / 2P
   General Purpose Si-Epitaxial PlanarTransistors
MPSA55 DIOTEC-MPSA55 Datasheet
107Kb / 2P
   General Purpose Si-Epitaxial PlanarTransistors
BC556XBK DIOTEC-BC556XBK Datasheet
87Kb / 2P
   General Purpose Si-Epitaxial PlanarTransistors
MMBTA55 DIOTEC-MMBTA55 Datasheet
107Kb / 2P
   General Purpose Si-Epitaxial PlanarTransistors
BC546 DIOTEC-BC546 Datasheet
148Kb / 2P
   Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556 Datasheet
144Kb / 2P
   Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
   Si-Epitaxial PlanarTransistors
TIP125A DIOTEC-TIP125A Datasheet
49Kb / 2P
   Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
   Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
   Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com