Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25040YET3 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT25040YET3
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25040YET3 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT25040YET3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25040YET3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25040YET3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25040YET3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25040YET3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25040YET3 Datasheet HTML 11Page - Catalyst Semiconductor CAT25040YET3 Datasheet HTML 12Page - Catalyst Semiconductor CAT25040YET3 Datasheet HTML 13Page - Catalyst Semiconductor CAT25040YET3 Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CAT25010, CAT25020, CAT25040
Doc. No. MD-1006 Rev. T
10
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Hold Operation
The HOLD
¯¯¯¯¯ input can be used to pause communication
between host and CAT25010/20/40. To pause, HOLD
¯¯¯¯¯
must be taken low while SCK is low (Figure 10).
During the hold condition the device must remain
selected (CS
¯¯ low). During the pause, the data output
pin (SO) is tri-stated (high impedance) and SI
transitions are ignored. To resume communication,
HOLD
¯¯¯¯¯ must be taken high while SCK is low.
DESIGN CONSIDERATIONS
The CAT25010/20/40 devices incorporate Power-On
Reset (POR) circuitry which protects the internal logic
against powering up in the wrong state. The device
will power up into Standby mode after VCC exceeds
the POR trigger level and will power down into Reset
mode when VCC drops below the POR trigger level.
This bi-directional POR behavior protects the device
against ‘brown-out’ failure following a temporary loss
of power.
The CAT25010/20/40 device powers up in a write
disable state and in a low power standby mode. A
WREN instruction must be issued prior any writes to
the device.
After power up, the CS
¯¯ pin must be brought low to
enter a ready state and receive an instruction. After a
successful byte/page write or status register write, the
device goes into a write disable mode. The CS
¯¯ input
must be set high after the proper number of clock
cycles to start the internal write cycle. Access to the
memory array during an internal write cycle is ignored
and programming is continued. Any invalid op-code
will be ignored and the serial output pin (SO) will
remain in the high impedance state.
Figure 10. HOLD
¯¯¯¯¯ Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE


Similar Part No. - CAT25040YET3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25040YE CATALYST-CAT25040YE Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25040YE-GT3 ONSEMI-CAT25040YE-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040YE-T3 ONSEMI-CAT25040YE-T3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040YE.GT3 ONSEMI-CAT25040YE.GT3 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
More results

Similar Description - CAT25040YET3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com