Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25010VI-GT3 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT25010VI-GT3
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25010VI-GT3 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT25010VI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25010VI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CAT25010, CAT25020, CAT25040
Doc. No. MD-1006 Rev. T
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WRITE OPERATIONS
The CAT25010/20/40 device powers up into a write
disable state. The device contains a Write Enable
Latch (WEL) which must be set before attempting to
write to the memory array or to the status register. In
addition, the address of the memory location(s) to be
written must be outside the protected area, as defined
by BP0 and BP1 bits from the status register.
Write Enable and Write Disable
The internal Write Enable Latch and the corresponding
Status Register WEL bit are set by sending the WREN
instruction to the CAT25010/20/40. Care must be taken
to take the CS
¯¯ input high after the WREN instruction,
as otherwise the Write Enable Latch will not be
properly set. WREN timing is illustrated in Figure 2.
The WREN instruction must be sent prior any WRITE
or WRSR instruction.
The internal write enable latch is reset by sending the
WRDI instruction as shown in Figure 3. Disabling write
operations by resetting the WEL bit, will protect the
device against inadvertent writes.
Figure 2. WREN Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
Figure 3. WRDI Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
SCK
SI
CS
SO
000
0
0
11
0
HIGH IMPEDANCE
SCK
SI
CS
SO
0
0
000
10
0
HIGH IMPEDANCE


Similar Part No. - CAT25010VI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25010VI-GT3 CATALYST-CAT25010VI-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010VI-GT3 ONSEMI-CAT25010VI-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25010VI-GT3 ONSEMI-CAT25010VI-GT3 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010VI-GT3 ONSEMI-CAT25010VI-GT3 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
CAT25010VI-GT3 ONSEMI-CAT25010VI-GT3 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
More results

Similar Description - CAT25010VI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com