Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54HC590AFK Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HC590AFK
Description  8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54HC590AFK Datasheet(HTML) 4 Page - Texas Instruments

  SNJ54HC590AFK Datasheet HTML 1Page - Texas Instruments SNJ54HC590AFK Datasheet HTML 2Page - Texas Instruments SNJ54HC590AFK Datasheet HTML 3Page - Texas Instruments SNJ54HC590AFK Datasheet HTML 4Page - Texas Instruments SNJ54HC590AFK Datasheet HTML 5Page - Texas Instruments SNJ54HC590AFK Datasheet HTML 6Page - Texas Instruments SNJ54HC590AFK Datasheet HTML 7Page - Texas Instruments SNJ54HC590AFK Datasheet HTML 8Page - Texas Instruments SNJ54HC590AFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN54HC590A, SN74HC590A
8BIT BINARY COUNTERS
WITH 3STATE OUTPUT REGISTERS
SCLS039F − DECEMBER 1982 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±35 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±70 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DW package
57
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54HC590A
SN74HC590A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
2
5
6
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VIH
High-level input voltage
VCC = 6 V
4.2
4.2
V
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
1.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
1000
1000
tt‡
Input transition (rise and fall) time
VCC = 4.5 V
500
500
ns
tt‡
Input transition (rise and fall) time
VCC = 6 V
400
400
ns
TA
Operating free-air temperature
−55
125
−40
85
°C
‡ If this device is used in the threshold region (from VILmax = 0.5 V to VIHmin = 1.5 V), there is a potential to go into the wrong state from induced
grounding, causing double clocking. Operating with the inputs at tt = 1000 ns and VCC = 2 V does not damage the device; however, functionally,
the CCLK and RCLK inputs are not ensured while in the shift, count, or toggle operating modes.
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SNJ54HC590AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC590AFK TI-SNJ54HC590AFK Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SNJ54HC590AFK TI-SNJ54HC590AFK Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SNJ54HC590AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC590A TI-SN54HC590A Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_08 Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154 Datasheet
254Kb / 11P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3 STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154_07 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI1-SN74LV8154_15 Datasheet
361Kb / 20P
[Old version datasheet]   Dual 16-Bit Binary Counters With 3-State Output Registers
SN74LV8154 TI-SN74LV8154_09 Datasheet
439Kb / 15P
[Old version datasheet]   DUAL 16-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54LS592 TI-SN54LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INTPUT REGISTERS
SN54LS592 TI-SN54LS592_1 Datasheet
1Mb / 30P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INPUT REGISTERS
SN74LS592 TI-SN74LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8 BIT BINARY COUNTERS WITH INPUT REGISTERS
SN54LS590 TI1-SN54LS590_16 Datasheet
894Kb / 16P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com