Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YDA131 Datasheet(PDF) 6 Page - YAMAHA CORPORATION

Part # YDA131
Description  D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA131 Datasheet(HTML) 6 Page - YAMAHA CORPORATION

Back Button YDA131 Datasheet HTML 2Page - YAMAHA CORPORATION YDA131 Datasheet HTML 3Page - YAMAHA CORPORATION YDA131 Datasheet HTML 4Page - YAMAHA CORPORATION YDA131 Datasheet HTML 5Page - YAMAHA CORPORATION YDA131 Datasheet HTML 6Page - YAMAHA CORPORATION YDA131 Datasheet HTML 7Page - YAMAHA CORPORATION YDA131 Datasheet HTML 8Page - YAMAHA CORPORATION YDA131 Datasheet HTML 9Page - YAMAHA CORPORATION YDA131 Datasheet HTML 10Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
YDA131
6
Description of operation functions
Refer to "Connection circuit example" on page 11, when reading the following descriptions.
Gain setting
This IC consists of the first stage inversion operational amplifier, and the fixed-gain digital power amplifier.
The gain of the digital power amplifier is fixed at 8 dB.
The gain of the first stage inversion operational amplifier is set with the resistance values of the input resistor (RI) and
feedback resistor (RF) as described by "Formula 1". To reduce pop noise, it is necessary to observe the restrictions
described in "Pop noise reduction function" on page 9. Use the feedback resistor (RF) of 10kΩ or higher, because the
driving capability of the operational amplifier is limited.
In "Application circuit", input resistor (RI)=7.5kΩ and feedback resistor (RF)=47kΩ and the gain of the first stage inversion
operational amplifier is set at 16 dB, as described in "Figure 1: First stage inversion operational amplifier input circuit
example". Therefore, the total gain at this case is given as described below.
8dB (fixed gain of the digital power amplifier) + 16dB (gain of the first stage inversion operational amplifier) = 24dB
In the "Application circuit", low pass filter capacitor (CF) is added to limit the band width of the input signal, as described
in "Figure 1: First stage inversion operational amplifier input circuit example", whereby the value can be adjusted as
necessary. To limit the input DC current, DC cutting capacitor (CI) is added, whereby this capacitor and input resistor (RI)
constitute a high pass filter.
The cut off frequency fc of this high pass filter is set as necessary, and can be decided by "Formula 2".
Formula 1: Gain of first stage inversion operational amplifier Av(dB) = 20*log(RF/RI)
Formula 2:Cut off frequency fc(Hz) = 1/(2*π*RI*CI)
When low band boost function is needed due to a reason such as small diameter speaker, the low boost function can be
realized by making the circuit of the first stage operational amplifier as shown in "Figure 2: Low band boost circuit
example". For this circuit, the gain is increased by +3dB at the frequency fb of "Formula 3", and the low band boost
quantity Ab is decided by "Formula 4". At this time, the frequency characteristic is as shown in "Figure 3: Frequency
characteristic at low band boost".
Formula 3: Frequency at which the gain increased by +3dB fb(Hz) = 1/(2*π*RF*CB)
Formula 4: Boost quantity Ab(dB) = 20*log((RF+RB)/RF)


Similar Part No. - YDA131

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
   STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA136 YAMAHA-YDA136 Datasheet
1Mb / 32P
   D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
   D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
   D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
YDA138-E YAMAHA-YDA138-E Datasheet
1Mb / 20P
   D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
More results

Similar Description - YDA131

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA139 YAMAHA-YDA139 Datasheet
1Mb / 18P
   D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5102 SKYWORKS-AAT5102 Datasheet
3Mb / 19P
   2.5W-Ch Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
logo
Texas Instruments
LM4674 TI1-LM4674 Datasheet
1Mb / 27P
[Old version datasheet]   LM4674 Filterless 2.5W Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com