Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YDA138 Datasheet(PDF) 10 Page - YAMAHA CORPORATION

Part # YDA138
Description  D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA138 Datasheet(HTML) 10 Page - YAMAHA CORPORATION

Back Button YDA138 Datasheet HTML 6Page - YAMAHA CORPORATION YDA138 Datasheet HTML 7Page - YAMAHA CORPORATION YDA138 Datasheet HTML 8Page - YAMAHA CORPORATION YDA138 Datasheet HTML 9Page - YAMAHA CORPORATION YDA138 Datasheet HTML 10Page - YAMAHA CORPORATION YDA138 Datasheet HTML 11Page - YAMAHA CORPORATION YDA138 Datasheet HTML 12Page - YAMAHA CORPORATION YDA138 Datasheet HTML 13Page - YAMAHA CORPORATION YDA138 Datasheet HTML 14Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
YDA138
10
Allowable Dissipation
The power dissipation of YDA138 is limited by the junction temperature rating (125℃) and package thermal resistance
(35.9℃/W).
The power dissipation and junction temperature of YDA138 can be found by the following formula.
For the use of YDA138, take care not to exceed the power dissipation and junction temperature.
Formula for the Power Dissipation
Ploss = (Pout * Rpn / Rl) * 2 + Idc * Vdc
Ploss
Allowable Dissipation (W)
Pout
Output Power (W)
Rpn
0.66 (Constant)
Rl
Load Resistor (Ω)
Idc
0.035(Constant / at VDDP=12V)
0.028(Constant / at VDDP=9V)
0.038(Constant / at VDDP=13.5V)
Vdc
Power supply voltage (V)
Formula for the junction temperature
Tj = Ploss * θja + Ta
Ploss
Allowable Dissipation (W)
θja
35.9 (Constant/ package thermal resistance (℃/W))
Ta
Ambient Temperature (℃)
Mounting
The package (42SSOP) for YDA138 has Thermal Pad for radiation on the bottom. This Thermal Pad does not need
soldering on the board.
Example of Pattern
Thermal resistance of the package is 35.9℃/W. This thermal resistance was measured under the following conditions:
mounting board 136mm×85mm, copper leaf board density 154%, no wind. In addition, a part of the board that faces to
Thermal Pad is a pattern (4mm*6mm) without etching resist, the pattern is connected to the opposite side by through-hole
(φ0.4).
最大許容損失 vs 周囲温度
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1020
30
40
5060
7080
90
周囲温度 (℃)
YDA138 の最大許容損失
Maximum allowable dissipation vs ambient temperature
Ambient temperature (℃)
Maximum allowable dissipation of YDA138


Similar Part No. - YDA138

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
   D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
   STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA136 YAMAHA-YDA136 Datasheet
1Mb / 32P
   D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
   D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
YDA139 YAMAHA-YDA139 Datasheet
1Mb / 18P
   D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
More results

Similar Description - YDA138

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
   10W Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
   10W Stereo Class-D Audio Power Amplifier
logo
Princeton Technology Co...
PT2830 PTC-PT2830 Datasheet
231Kb / 5P
   10W Stereo Integrated Audio Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
logo
YAMAHA CORPORATION
YDA143 YAMAHA-YDA143 Datasheet
1Mb / 22P
   D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
   20W Stereo Digital Class-D Audio Power Amplifier
logo
YAMAHA CORPORATION
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
   D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com