Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YDA144 Datasheet(PDF) 5 Page - YAMAHA CORPORATION

Part # YDA144
Description  STEREO 2.1W Non-Clip DIGITAL AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA144 Datasheet(HTML) 5 Page - YAMAHA CORPORATION

  YDA144 Datasheet HTML 1Page - YAMAHA CORPORATION YDA144 Datasheet HTML 2Page - YAMAHA CORPORATION YDA144 Datasheet HTML 3Page - YAMAHA CORPORATION YDA144 Datasheet HTML 4Page - YAMAHA CORPORATION YDA144 Datasheet HTML 5Page - YAMAHA CORPORATION YDA144 Datasheet HTML 6Page - YAMAHA CORPORATION YDA144 Datasheet HTML 7Page - YAMAHA CORPORATION YDA144 Datasheet HTML 8Page - YAMAHA CORPORATION YDA144 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
YDA144
5
Description of operating functions
Digital Amplifier Function
YDA144 has digital amplifiers with analog and digital input, PWM pulse output, Maximum output of 2.1W(RL=4Ω)×2ch.
Distortion of PWM pulse output signal and noise of the signal is reduced by adopting “Pure Pulse Direct Speaker Drive
Circuit”
In addition, YDA144 has been designed so that high-efficiency can be maintained within an average power range (100mW
or so) that is used for mobile terminal.
First Stage Amplifier Gain Setting Function
G0 terminal can set the Gain of YDA144. When Non-Clip function is disabled, the relation between G0 terminal setting and
Gain is as follows.
Digital Amplifier Gain Setting
G0
Gain
Input Impedance(ZIN)
L
12dB
44kΩ
H
18dB
28kΩ
Note) H and L indicates logic High and logic Low, respectively.
Input Lch differential input signals to INL+ terminal and INL- terminal through DC-cut capacitors (CIN). For single ended
operation, input the signal to INL+ pin through the DC-cut capacitor (CIN). At this time, INL- pin must be connected to
AVSS pin through a capacitor (CREF: same value as CIN). As with Lch, connect input signals to Rch.
<Differential input>
<Single input>
In addition, positive (+) and negative (-) sides of differential input pins (INL+ and INL-, or INR+ and INR-), input pins of
the unused channel side, should be connected to each other and connected to AVSS through a capacitor.
Use a capacitor with the same capacitance (0.1µF) as that of a DC-cut capacitor in the channel side being used.
<Input terminal processing of unused channel side>
The lower cut-off frequency (fc) can be found from DC-cut capacitor (CIN) and input impedance (ZIN) as shown below.
fc=1/(2*π*ZIN*CIN)
In order to reduce pop-noise, impedance in the differential input signal source is arranged. And, DC-cut capacitor (CIN)
should be 0.1µF or less.


Similar Part No. - YDA144

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA142 YAMAHA-YDA142 Datasheet
1,011Kb / 18P
   D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
YDA143 YAMAHA-YDA143 Datasheet
1Mb / 22P
   D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER
More results

Similar Description - YDA144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NS4215 ETC-NS4215 Datasheet
808Kb / 20P
   STEREO 8.5W Non-Clip CLASS-D AUDIO POWER AMPLIFIER
2013/08 V1.0
logo
National Semiconductor ...
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
Fangtek Ltd.
FT4288 FANGTEK-FT4288 Datasheet
378Kb / 12P
   Dual 2.1W Audio Power Amplifier
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com