Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YSS943 Datasheet(PDF) 10 Page - YAMAHA CORPORATION

Part # YSS943
Description  ADAMB Advanced Digital Audio Multi channel decode processor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS943 Datasheet(HTML) 10 Page - YAMAHA CORPORATION

Back Button YSS943 Datasheet HTML 6Page - YAMAHA CORPORATION YSS943 Datasheet HTML 7Page - YAMAHA CORPORATION YSS943 Datasheet HTML 8Page - YAMAHA CORPORATION YSS943 Datasheet HTML 9Page - YAMAHA CORPORATION YSS943 Datasheet HTML 10Page - YAMAHA CORPORATION YSS943 Datasheet HTML 11Page - YAMAHA CORPORATION YSS943 Datasheet HTML 12Page - YAMAHA CORPORATION YSS943 Datasheet HTML 13Page - YAMAHA CORPORATION YSS943 Datasheet HTML 14Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
YSS944/943/940
10
- Expands to 3 channels from 2 channels of LS and RS (supports ES Matrix processing when combined
with DTS decoding function).
- Supported sampling frequencies are 32 kHz, 44.1 kHz, 48 kHz, 64 kHz, 88.2 kHz, and 96 kHz.
[Note]
- The YSS943 and YSS940 do not support DTS Neo:6 decoding.
(3) Post Processor Functions
The following post-processing function can be applied to the results of main decoder or post decoder.
• Post-processing input channel selection
- Firmware Switcher is included.
- Supports 8 channels.
• Tone control
- Firmware Tone controller is included.
- Adjustable bass and treble for left and right channels
- Supported sampling frequencies are 32 kHz, 44.1 kHz, 48 kHz, 64 kHz, 88.2 kHz, 96 kHz, 128 kHz,
176.4 kHz, and 192 kHz.
• Bass Management
- Firmware Bass manager is included.
- Characteristics can be changed by changing the coefficient.
- Up to 7.1-channel input/output.
- Supported sampling frequencies are 32 kHz, 44.1 kHz, 48 kHz, 64 kHz, 88.2 kHz, 96 kHz, 128 kHz,
176.4 kHz, and 192 kHz.
• Volume adjustment
- Firmware Scaler is included.
- Adjustable master volume (setting range: -127 dB to +31 dB, in 1 dB units).
- Adjustable volume for up to eight channels (-dB to +12 dB, phase inversion enabled).
(4) Generator Functions
• Noise generation
- Firmware noise generator is included.
- Enables generation of pink noise (“shaped noise” in the Dolby standard) and white noise.
- Supported sampling frequencies are 32 kHz, 44.1 kHz, and 48 kHz.
• Impulse generation
- Firmware impulse generator is included.
- Impulses can be generated.
- Supported sampling frequencies are 32 kHz, 44.1 kHz, and 48 kHz.
(5) Other Functions
• Microprocessor interface
- This is a four-wire serial interface.
- Enables register access and on-chip memory access (firmware download).
• Firmware download
- Instruction code from the microprocessor to this LSI and coefficient data can be downloaded.
- The amount of 6-/7-/8-channel output delay can be changed.
- The filter characteristics of the bass management function can be changed.
- Functions can be expanded for future use.
[Note]
- The boot firmware must be downloaded at initialization.


Similar Part No. - YSS943

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YSS901 ETC-YSS901 Datasheet
140Kb / 14P
   SD Stereo dipole
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
   Karaoke Processor 2 for Video disc player
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
More results

Similar Description - YSS943

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
STA308A STMICROELECTRONICS-STA308A_07 Datasheet
598Kb / 63P
   Multi-channel digital audio processor with DDX TM
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
   Multi-channel digital audio processor with DDX®
Rev 6 April 2022
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
   Advanced Audio Processor System
AS3525 AMSCO-AS3525 Datasheet
3Mb / 194P
   Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
   Advanced Audio Processor System
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com