Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG401DJ Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # DG401DJ
Description  Low-Power, High-Speed CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG401DJ Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button DG401DJ Datasheet HTML 2Page - TEMIC Semiconductors DG401DJ Datasheet HTML 3Page - TEMIC Semiconductors DG401DJ Datasheet HTML 4Page - TEMIC Semiconductors DG401DJ Datasheet HTML 5Page - TEMIC Semiconductors DG401DJ Datasheet HTML 6Page - TEMIC Semiconductors DG401DJ Datasheet HTML 7Page - TEMIC Semiconductors DG401DJ Datasheet HTML 8Page - TEMIC Semiconductors DG401DJ Datasheet HTML 9Page - TEMIC Semiconductors DG401DJ Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DG401/403/405
Siliconix
S-53748—Rev. E, 05-Jun-97
7
Schematic Diagram (Typical Channel)
Figure 1.
Level
Shift/
Drive
VIN
VL
S
V+
GND
V–
D
V–
V+
Test Circuits
Figure 2.
Switching Time
Figure 3.
Break-Before-Make
0 V
Logic
Input
Switch
Input*
Switch
Output
3 V
0 V
Switch
Input*
VO is the steady state output with the switch on. Feedthrough via switch capacitance may result in spikes at the leading and trailing edge of
the output waveform.
VS
tr <20 ns
tf <20 ns
90%
–VS
tOFF
tON
VO
90%
VO
*VS = 10 V for tON, VS = –10 V for tOFF
Note: Logic input waveform is inverted for switches that
have the opposite logic sense control
0 V
Logic
Input
Switch
Switch
Output
3 V
50%
0 V
Output
0 V
90%
VO2
VO1
90%
VS1
VS2
tD
tD
CL (includes fixture and stray capacitance)
V+
IN
RL
RL + rDS(on)
VO = VS
S
D
–15 V
VO
GND
"10 V
VL
CL
35 pF
V–
RL
1 k
W
+15 V
+5 V
VO2
CL (includes fixture and stray capacitance)
V+
RL1
S2
CL1
V–
S1
VL
VS2
IN
D2
VS1
RL2
D1
VO1
CL2
–15 V
GND
+5 V
+15 V
50%


Similar Part No. - DG401DJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG401DJ INTERSIL-DG401DJ Datasheet
93Kb / 9P
   Monolithic CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG401DJ MAXIM-DG401DJ Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
Vishay Siliconix
DG401DJ VISHAY-DG401DJ Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG401DJ VISHAY-DG401DJ Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401DJ-E3 VISHAY-DG401DJ-E3 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
More results

Similar Description - DG401DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com