Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG401AZ883 Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # DG401AZ883
Description  Low-Power, High-Speed CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG401AZ883 Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button DG401AZ883 Datasheet HTML 2Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 3Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 4Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 5Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 6Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 7Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 8Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 9Page - TEMIC Semiconductors DG401AZ883 Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DG401/403/405
8
Siliconix
S-53748—Rev. E, 05-Jun-97
Test Circuits (Cont’d)
RL
100
W
Figure 4.
Charge Injection
Figure 5.
Off Isolation
Figure 6.
Insertion Loss
Figure 7.
Crosstalk
RL
100
W
D
0V, 2.4 V
V+
Rg = 50 W
–15 V
GND
V–
C
VS
Off Isolation = 20 log
VS
VO
IN
VL
VO
+5 V
C
+15 V
S
C
S
VS
VO
0V, 2.4 V
IN
VL
D
Rg = 50 W
+5 V
–15 V
GND
V–
C
C
+15 V
V+
C
Rg = 50 W
IN
0.8 V
VL
V+
V–
XTALK Isolation = 20 log
VS
VO
GND
S2
VS
VO
S1
RL
D
C = RF bypass
50
W
+15 V
–15 V
C
C
+5 V
C
D
f = 1 MHz
IN
S
VL
V+
–15 V
GND
V–
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
+5 V
C
+15 V
C
C = RF bypass
C = RF bypass
Off
On
On
IN
DVO
VO
Q =
DVO x CL
CL
10 nF
D
Rg
VO
V+
S
V–
3 V
IN
VL
Vg
–15 V
GND
+15 V
+5 V
Figure 8.
Capacitances


Similar Part No. - DG401AZ883

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG401AZ MAXIM-DG401AZ Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
More results

Similar Description - DG401AZ883

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com