Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG405DJ Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # DG405DJ
Description  Low-Power, High-Speed CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG405DJ Datasheet(HTML) 4 Page - TEMIC Semiconductors

  DG405DJ Datasheet HTML 1Page - TEMIC Semiconductors DG405DJ Datasheet HTML 2Page - TEMIC Semiconductors DG405DJ Datasheet HTML 3Page - TEMIC Semiconductors DG405DJ Datasheet HTML 4Page - TEMIC Semiconductors DG405DJ Datasheet HTML 5Page - TEMIC Semiconductors DG405DJ Datasheet HTML 6Page - TEMIC Semiconductors DG405DJ Datasheet HTML 7Page - TEMIC Semiconductors DG405DJ Datasheet HTML 8Page - TEMIC Semiconductors DG405DJ Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DG401/403/405
4
Siliconix
S-53748—Rev. E, 05-Jun-97
Specificationsa
Test Conditions
Unless Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V
VL = 5 V, VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–15
15
–15
15
V
Drain-Source
On-Resistance
rDS(on)
IS = –10 mA, VD = "10 V
V+ = 13.5 V, V– = –13.5 V
Room
Full
20
35
45
45
55
W
D Drain-Source
On-Resistance
DrDS(on)
IS = –10 mA, VD = "5 V, 0 V
V+ = 16.5 V, V– = –16.5 V
Room
Full
3
3
5
3
5
W
Switch Off
Lk
C
IS(off)
V+ = 16.5, V– = –16.5 V
V15 5 V V
15 5 V
Room
Hot
–0.01
–0.25
–20
0.25
20
–0.5
–5
0.5
5
Leakage Current
ID(off)
,
VD = "15.5 V, VS = #15.5 V
Room
Hot
–0.01
–0.25
–20
0.25
20
–0.5
–5
0.5
5
nA
Channel On
Leakage Current
ID(on)
V+ = 16.5 V, V– = –16.5 V
VS = VD = "15.5 V
Room
Hot
–0.04
–0.4
–40
0.4
40
–1
–10
1
10
Digital Control
Input Current VIN Low
IIL
VIN under test = 0.8 V
All Other = 2.4 V
Full
0.005
–1
1
–1
1
mA
Input Current VIN High
IIH
VIN under test = 2.4 V
All Other = 0.8 V
Full
0.005
–1
1
–1
1
mA
Dynamic Characteristics
Turn-On Time
tON
RL = 300 W , CL = 35 pF
SFi
2
Room
100
150
150
Turn-Off Time
tOFF
L
,
L
p
See Figure 2
Room
60
100
100
ns
Break-Before-Make
Time Delay (DG403)
tD
RL = 300 W , CL = 35 pF
Room
12
5
5
ns
Charge Injection
Q
CL = 10,000 pF
Vgen = 0 V, Rgen = 0 W
Room
60
pC
Off Isolation Reject Ratio
OIRR
RL = 100 W CL =5pF
Room
72
Channel-to-Channel Cross-
talk
XTALK
RL = 100 W , CL = 5 pF
f = 1 MHz
Room
90
dB
Source Off Capacitance
CS(off)
Room
12
Drain Off Capacitance
CD(off)
f = 1 MHz, VS = 0 V
Room
12
pF
Channel On Capacitance
CD, CS(on)
Room
39
Power Supplies
Positive Supply Current
I+
Room
Full
0.01
1
5
1
5
Negative Supply Current
I–
V+ = 16.5 V, V– = –16.5 V
V0
5 V
Room
Full
–0.01
–1
–5
–1
–5
mA
Logic Supply Current
IL
,
VIN = 0 or 5 V
Room
Full
0.01
1
5
1
5
mA
Ground Current
IGND
Room
Full
–0.01
–1
–5
–1
–5
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.


Similar Part No. - DG405DJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG405DJ MAXIM-DG405DJ Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
Vishay Siliconix
DG405DJ VISHAY-DG405DJ Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG405DJ VISHAY-DG405DJ Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG405DJ-E3 VISHAY-DG405DJ-E3 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG405DJ-E3 VISHAY-DG405DJ-E3 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results

Similar Description - DG405DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com