Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R54A Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46R54A
Description  A/D Type 8-Bit OTP MCU
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R54A Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46R54A Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
HT46R53A/HT46R54A
Rev. 1.00
9
August 24, 2006
The ALU not only saves the results of a data operation
but also changes the status register.
Status Register
- STATUS
This 8-bit register (0AH) contains the zero flag (Z), carry
flag (C), auxiliary carry flag (AC), overflow flag (OV),
power down flag (PDF), and watchdog time-out flag
(TO). It also records the status information and controls
the operation sequence.
With the exception of the TO and PDF flags, bits in the
status register can be altered by instructions like most
other registers. Any data written into the status register
will not change the TO and PDF flags. Addition opera-
tions related to the status register may give different re-
sults from those intended. The TO flag can be affected
only by system power-up, a WDT time-out or executing
the
²HALT² or ²CLR WDT² instruction. The PDF flag can
be affected only by executing the
²HALT² or ²CLR
WDT
² instruction or a system power-up.
The Z, OV, AC, and C flags reflect the status of the latest
operations. On entering the interrupt sequence or exe-
cuting the subroutine call, the status register will not be
automatically pushed onto the stack. If the contents of
the status is important, and if the subroutine is likely to
corrupt the status register, the programmer should take
precautions and save it properly.
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
: U n u s e d
R e a d a s " 0 0 "
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 7 H
2 8 H
E 7 H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P W M
A D R L
A D R H
A D C R
A C S R
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 9 2 B y t e s )
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
: U n u s e d
R e a d a s " 0 0 "
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 7 H
2 8 H
F F H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
B P
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P W M
A D R L
A D R H
A D C R
A C S R
G e n e r a l P u r p o s e
D a t a M e m o r y
( 2 1 6 B y t e s )
S p e c i a l P u r p o s e
D a t a M e m o r y
G e n e r a l P u r p o s e
D a t a M e m o r y
( 6 4 B y t e s )
B a n k 1
4 0 H
7 F H
H T 4 6 R 5 3 A
H T 4 6 R 5 4 A
RAM Mapping


Similar Part No. - HT46R54A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R54 HOLTEK-HT46R54 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R54A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
   A/D Type 8-Bit OTP MCU
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
   A/D Type 8-Bit OTP MCU
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com