Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R54A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT46R54A
Description  A/D Type 8-Bit OTP MCU
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R54A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT46R54A Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current (Crystal OSC)
3V
No load, fSYS=4MHz
ADC disabled
¾
0.6
1.5
mA
5V
¾
24
mA
IDD2
Operating Current (RC OSC)
3V
No load, fSYS=4MHz
ADC disabled
¾
0.8
1.5
mA
5V
¾
2.5
4
mA
IDD3
Operating Current
5V
No load, fSYS=8MHz
ADC disabled
¾
48
mA
ISTB1
Standby Current (WDT Enabled)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
ISTB2
Standby Current
(WDT & AD Disabled)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
VIL1
Input Low Voltage for I/O Ports,
TMR and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset Voltage
¾ Configuration option: 3V
2.7
3
3.3
V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
10
20
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-10
¾
mA
RPH
Pull-high Resistance of I/O Ports
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
VAD
A/D Input Voltage
¾¾
0
¾
VREF
V
VREF
ADC Input Reference Voltage
Range
¾¾
1.2
¾
VDD
V
DNL
ADC Differential Non-Linear
¾¾
¾
¾
±2
LSB
INL
ADC Integral Non-Linear
¾¾
¾
±2.5
±4
LSB
RESOLU Resolution
¾¾
¾
¾
12
Bits
IADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
0.5
1
mA
5V
¾
1.5
3
mA
HT46R53A/HT46R54A
Rev. 1.00
4
August 24, 2006


Similar Part No. - HT46R54A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R54 HOLTEK-HT46R54 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R54A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
   A/D Type 8-Bit OTP MCU
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
   A/D Type 8-Bit OTP MCU
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com