Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39V040CP Datasheet(PDF) 7 Page - Winbond

Part # W39V040CP
Description  512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040CP Datasheet(HTML) 7 Page - Winbond

Back Button W39V040CP Datasheet HTML 3Page - Winbond W39V040CP Datasheet HTML 4Page - Winbond W39V040CP Datasheet HTML 5Page - Winbond W39V040CP Datasheet HTML 6Page - Winbond W39V040CP Datasheet HTML 7Page - Winbond W39V040CP Datasheet HTML 8Page - Winbond W39V040CP Datasheet HTML 9Page - Winbond W39V040CP Datasheet HTML 10Page - Winbond W39V040CP Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
W39V040C
Publication Release Date: Apr. 11, 2006
- 7 -
Revision A1
6.
FUNCTIONAL DESCRIPTION
6.1
Interface Mode Selection and Description
This device can operate in two interface modes, one is Programmer interface mode, and the other is
LPC interface mode. The Mode pin of the device provides the control between these two interface
modes. These interface modes need to be configured before power up or return from #RESET. When ic
(Mode) pin is set to VDD, the device will be in the Programmer mode; while the Mode pin is set to low
state (or leaved no connection), it will be in the LPC mode. In Programmer mode, this device just
behaves like traditional flash parts with 8 data lines. But the row and column address inputs are
multiplexed. The row address are mapped to the higher internal address A[18:11]. And the column
address are mapped to the lower internal address A[10:0]. For LPC mode, it complies with the LPC
Interface Specification, through the LAD[3:0] to communicate with the system chipset .
6.2
Read (Write) Mode
In Programmer interface mode, the read (write) operation of the W39V040C is controlled by #OE
(#WE). The #OE (#WE) is held low for the host to obtain (write) data from (to) the outputs (inputs).
#OE is the output control and is used to gate data from the output pins. The data bus is in high
impedance state when #OE is high.
As for in the LPC interface mode, the read or write is determined
by the "START CYCLE ". Refer to the LPC cycle definition and timing waveforms for further details.
6.3
Reset Operation
The #RESET input pin can be used in some application.
When #RESET pin is at high state, the
device is in normal operation mode.
When #RESET pin is at low state, it will halt the device and all
outputs will be at high impedance state.
As the high state re-asserted to the #RESET pin, the device
will return to read or standby mode, it depends on the control signals.
6.4
Accelerated Program Operation
The device provides accelerated program operations through the ACC function.This function is
primarily intended to allow a faster manufacturing throughput in the factory.
6.5
Boot Block Operation and Hardware Protection at Initial- #TBL & #WP
There is a hardware method to protect the top boot block and other sectors. Before power on
programmer, tie the #TBL pin to low state and then the top boot block will not be programmed/erased. If
#WP pin is tied to low state before power on, the other sectors will not be programmed/erased.
In order to detect whether the boot block feature is set on or not, users can perform software command
sequence: enter the product identification mode (see Command Codes for Identification/Boot Block
Lockout Detection for specific code), and then read from address FFF2(hex). You can check the
DQ2/DQ3 at the address FFF2 to see whether the #TBL/#WP pin is in low or high state. If the DQ2 is
“0”, it means the #TBL pin is tied to high state. In such condition, whether boot block can be
programmed/erased or not will depend on software setting. On the other hand, if the DQ2 is “1”, it
means the #TBL pin is tied to low state, then boot block is locked no matter how the software is set.
Like the DQ2, the DQ3 inversely mirrors the #WP state. If the DQ3 is “0”, it means the #WP pin is in
high state, then all the sectors except the boot block can be programmed/erased. On the other hand, if
the DQ3 is “1”, then all the sectors except the boot block are programmed/erased inhibited.To return to
normal operation, perform a three-byte command sequence (or an alternate single-byte command) to
exit the identification mode. For the specific code, see Command Codes for Identification/Boot Block
Lockout Detection.


Similar Part No. - W39V040CP

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040A WINBOND-W39V040A Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040AP WINBOND-W39V040AP Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040AQ WINBOND-W39V040AQ Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040BP WINBOND-W39V040BP Datasheet
356Kb / 32P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
More results

Similar Description - W39V040CP

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040B WINBOND-W39V040B_07 Datasheet
336Kb / 33P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040A WINBOND-W39V040A Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V080A WINBOND-W39V080A Datasheet
356Kb / 34P
   1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com