Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV100 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV100
Description  3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV100 Datasheet(HTML) 1 Page - Supertex, Inc

  HV100_07 Datasheet HTML 1Page - Supertex, Inc HV100_07 Datasheet HTML 2Page - Supertex, Inc HV100_07 Datasheet HTML 3Page - Supertex, Inc HV100_07 Datasheet HTML 4Page - Supertex, Inc HV100_07 Datasheet HTML 5Page - Supertex, Inc HV100_07 Datasheet HTML 6Page - Supertex, Inc HV100_07 Datasheet HTML 7Page - Supertex, Inc HV100_07 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HV100/HV101
Features
33% Smaller than SOT-232
Pass Element is Only External Part
No Sense Resistor required
Auto-adapt* to Pass Element
Short Circuit Protection*
UV & POR Supervisory Circuits
2.5s Auto Retry
±10V to ±72V Input Voltage Range
0.6mA Typical Operating Supply Current
Built in Clamp for AC Path Turn On Glitch
*Patents Pending
Applications
-48V Central Office Switching (line cards)
+48V Server Networks
+48V Storage Area Networks
+48V Peripherals, Routers, Switches
+24V Cellular and Fixed Wireless (bay stations,
line cards)
+24V Industrial Systems
+24V UPS Systems
-48V PBX & ADSL Systems (line cards)
Distributed Power Systems
Powered Ethernet for VoIP
General Description
The HV100 and the HV101 are 3-pin hotswap controllers
available in the SOT-223 package, which require no external
components other than a pass element. The HV100 and the
HV101 contain many of the features found in hotswap control-
lers with 8 pins or more, and which generally require many
external components. These features include undervoltage (UV)
detection circuits, power on reset (POR) supervisory circuits,
inrush current limiting, short circuit protection, and auto-retry.
In addition, the HV100 and the HV101 use a patent pending
mechanism to sample and adapt to any pass element, resulting
in consistent hotswap profiles without any programming.
The only difference between the HV100 and the HV101 is the
internally set undervoltage (UV) threshold.
Typical Application Circuit and Waveforms
-48V
GND
DC/DC
Converter
+5V
COM
IRF530
400F
GATE
VPP
VNN
HV100
3-Pin Hotswap, Inrush Current Limiter Controllers
(Negative Supply Rail)


Similar Part No. - HV100_07

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
HV1000 IXYS-HV1000 Datasheet
335Kb / 3P
   Voltage > 850V, Output Current > 18A
logo
Supertex, Inc
HV100DB1 SUTEX-HV100DB1 Datasheet
443Kb / 2P
   3-Pin Hotswap Controller
HV100K5 SUTEX-HV100K5 Datasheet
83Kb / 5P
   3-Pin Hotswap, Inrush Current Limiter Controllers
HV100K5-G SUTEX-HV100K5-G Datasheet
838Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100K6 SUTEX-HV100K6 Datasheet
83Kb / 5P
   3-Pin Hotswap, Inrush Current Limiter Controllers
More results

Similar Description - HV100_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV101 SUTEX-HV101_13 Datasheet
832Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_13 Datasheet
838Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100 Datasheet
83Kb / 5P
   3-Pin Hotswap, Inrush Current Limiter Controllers
HV300 SUTEX-HV300 Datasheet
78Kb / 6P
   Hotswap, Inrush Current Limiter Controllers
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
   Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com