Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC68400YML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC68400YML
Description  4A Sequencing LDO with Tracking and Ramp Control?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC68400YML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC68400YML Datasheet HTML 6Page - Micrel Semiconductor MIC68400YML Datasheet HTML 7Page - Micrel Semiconductor MIC68400YML Datasheet HTML 8Page - Micrel Semiconductor MIC68400YML Datasheet HTML 9Page - Micrel Semiconductor MIC68400YML Datasheet HTML 10Page - Micrel Semiconductor MIC68400YML Datasheet HTML 11Page - Micrel Semiconductor MIC68400YML Datasheet HTML 12Page - Micrel Semiconductor MIC68400YML Datasheet HTML 13Page - Micrel Semiconductor MIC68400YML Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Micrel, Inc.
MIC68400
September 2007
10
M9999-090607-C
Applications Information
Enable Input
The MIC68400 features a TTL/CMOS compatible
positive logic enable input for on/off control of the
device. High (>1V) enables the regulator while low
(<.2V) disables the regulator. In shutdown the
regulator consumes very little current (only a few
microamperes of leakage). For simple applications the
enable (EN) can be connected to VIN (IN). While
MIC68400 only requires a few µA’s of enable current
to turn on, actual enable pin current will depend on the
overdrive (enable voltage exceeding 1V) in each
particular application.
Control Logic
High > 1V
Enable Connections for Logic Driven Input
Enable Connection for VIN-Driven
and/or Slow Rise-Time Inputs
Input Capacitor
An
input
capacitor
of
0.1µF
or
greater
is
recommended when the device is more than 4 inches
away from the bulk supply capacitance, or when the
supply is a battery. Small, surface mount chip capac-
itors can be used for the bypassing. The capacitor
should be place within 1 inch of the device for optimal
performance. Larger values will help to improve ripple
rejection by bypassing the regulator input, further
improving the integrity of the output voltage.
Output Capacitor
The MIC68400 requires an output capacitor for stable
operation. As a µCap LDO, the MIC68220 can
operate with ceramic output capacitors of 10µF or
greater with ESR’s ranging from a 3m
Ω to over
300m
Ω. Values of greater than 10µF improve trans-
ient response and noise reduction at high frequency.
X7R/X5R dielectric-type ceramic capacitors are
recommended because of their superior temperature
performance. X7R-type capacitors change capaci-
tance by 15% over their operating temperature range
and are the most stable type of ceramic capacitors.
Larger output capacitances can be achieved by
placing tantalum or aluminum electrolytics in parallel
with the ceramic capacitor. For example, a 100µF
electrolytic in parallel with a 10µF ceramic can provide
the transient and high frequency noise performance of
a 100µF ceramic at a significantly lower cost. Specific
undershoot/overshoot performance will depend on
both the values and ESR/ESL of the capacitors.


Similar Part No. - MIC68400YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68400YML MICREL-MIC68400YML Datasheet
1Mb / 15P
   4A Sequencing LDO with Tracking and Ramp Control
More results

Similar Description - MIC68400YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68400 MICREL-MIC68400_09 Datasheet
1Mb / 15P
   4A Sequencing LDO with Tracking and Ramp Control
MIC68401 MICREL-MIC68401 Datasheet
1Mb / 13P
   4A Sequencing LDO with Tracking and Ramp Control?
MIC68200 MICREL-MIC68200 Datasheet
655Kb / 15P
   2A Sequencing LDO with Tracking and Ramp Control
MIC68200 MICREL-MIC68200_11 Datasheet
619Kb / 16P
   2A Sequencing LDO with Tracking and Ramp Control
logo
Maxim Integrated Produc...
MAX15021 MAXIM-MAX15021 Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
Rev 1; 8/12
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
logo
Texas Instruments
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com