Electronic Components Datasheet Search |
|
HV214PJ Datasheet(PDF) 2 Page - Supertex, Inc |
|
HV214PJ Datasheet(HTML) 2 Page - Supertex, Inc |
2 / 9 page 2 HV214 Ordering Information Package Options Device 28-Lead PLCC 48-Lead LQFP/ TQFP(1.4mm) HV214 HV214PJ HV214FG HV214PJ-G HV214FG-G -G indicates the part is RoHS compliant (Green) Absolute Maximum Ratings Parameter Value V DD logic power supply voltage -0.5V to +15V V PP - VNN supply voltage 260V V PP positive high voltage supply -0.5V to V NN +250V V NN negative high voltage supply +0.5V to -260V Logic input voltages -0.5V to V DD +0.3V Analog signal range V NN to VPP Peak analog signal current/channel 2.5A Storage temperature -65OC to +150OC Power dissipation: 28-Lead PLCC 48-Lead LQFP/ TQFP (1.4mm) 1.2W 1.0W Operating Conditions Symbol Parameter Value V DD Logic power supply voltage 4.5V to 13.2V V PP Positive high voltage supply 40V to V NN +250V V NN Negative high voltage supply -40V to -210V V IH High level input logic voltage V DD -1.5V to VDD V IL Low-level input logic voltage 0V to 1.5V V SIG Analog signal voltage peak-to-peak V NN +10V to VPP -10V T A Operating free air temperature 0OC to 70OC Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. Continuous operation of the device at the absolute rating level may affect device reliability. All voltages are referenced to device ground. 1 4 25 28-Lead (J) PLCC (PJ) (top view) 1 48 48-Lead LQFP (FG) (7x7x1.4mm) (top view) Pin Configurations Product Marking YY = Year Sealed WW = Week Sealed L = Lot Number C = Country of Origin A = Assembler ID* = “Green” Packaging *May be part of top marking Top Marking Bottom Marking YYWW HV214PJ LLLLLLLLLL CCCCCCCCCCC AAA YY = Year Sealed WW = Week Sealed L = Lot Number C = Country of Origin A = Assembler ID* = “Green” Packaging *May be part of top marking Top Marking Bottom Marking YYWW HV214FG LLLLLLLLL CCCCCCCC AAA 28-Lead PLCC (PJ) 48-Lead LQFP (FG) |
Similar Part No. - HV214PJ |
|
Similar Description - HV214PJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |