Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV219 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV219
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV219 Datasheet(HTML) 5 Page - Supertex, Inc

  HV219 Datasheet HTML 1Page - Supertex, Inc HV219 Datasheet HTML 2Page - Supertex, Inc HV219 Datasheet HTML 3Page - Supertex, Inc HV219 Datasheet HTML 4Page - Supertex, Inc HV219 Datasheet HTML 5Page - Supertex, Inc HV219 Datasheet HTML 6Page - Supertex, Inc HV219 Datasheet HTML 7Page - Supertex, Inc HV219 Datasheet HTML 8Page - Supertex, Inc HV219 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
HV219
DATA
IN
LE
CLOCK
DATA
OUT
OFF
ON
OUT
(TYP)
V
50%
50%
50%
50%
t WLE
t SD
t SU
t h
50%
50%
t OFF
50%
t DO
t ON
t WCL
CLR
D
N + 1
D
N
D
N - 1
50%
50%
90%
10%
Logic Timing Waveforms
Truth Table
Data in 8-Bit Shift Register
LE
CL
Output Switch State
D0
D1
D2
D3
D4
D5
D6
D7
SW0
SW1
SW2
SW3
SW4
SW5
SW6
SW7
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
XXXXXXXX
H
L
Hold Previous State
XXXXXXXX
X
H
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Notes:
1. The eight switches operate independently.
2. Serial data is clocked in on the L to H transition clock.
3. The switches go to a state retaining their present condition at the rising edge of the LE.
4. When LE is low, the shift register data flows through the latch.
5. Shift register clocking has no effect on the switch states if LE is high.
6. The clear input overrides all other inputs.


Similar Part No. - HV219

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG SUTEX-HV219FG Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG-G SUTEX-HV219FG-G Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG-GM931 SUTEX-HV219FG-GM931 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
HV219PJ SUTEX-HV219PJ Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
More results

Similar Description - HV219

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com