Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV232FG Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV232FG
Description  Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232FG Datasheet(HTML) 9 Page - Supertex, Inc

  HV232FG Datasheet HTML 1Page - Supertex, Inc HV232FG Datasheet HTML 2Page - Supertex, Inc HV232FG Datasheet HTML 3Page - Supertex, Inc HV232FG Datasheet HTML 4Page - Supertex, Inc HV232FG Datasheet HTML 5Page - Supertex, Inc HV232FG Datasheet HTML 6Page - Supertex, Inc HV232FG Datasheet HTML 7Page - Supertex, Inc HV232FG Datasheet HTML 8Page - Supertex, Inc HV232FG Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Doc.# DSFP-HV230_HV232
A111006
HV230/HV232
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Pin Description
Pin
Function
1
SW4
2SW3
3SW3
4SW2
5SW2
6SW1
7SW1
8SW0
9SW0
10
V
PP
11
V
NN
12
R
GND
13
GND
14
V
DD
15
D
IN
16
CLK
17
LE
18
CLR
19
D
OUT
20
SW7
21
SW7
22
SW6
23
SW6
24
SW5
25
SW5
26
SW4
26-Lead BCC Package Outline (B1)
HV230B1 Package Outline
Top View
Pad connections are on the
backside of the package.
Pin 1
Pin 2
10
18
4.15
6.00±0.
0.925
0.925
4.55
0.389
0.35±0.10
1.06
0.725
0.65
0.725
0.35±0.10
0.40
1.05
6.00±0.10
0.8mm Max
0.075±0.025
(Standoff )
Side View
0.10


Similar Part No. - HV232FG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV232FG SUTEX-HV232FG Datasheet
100Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV232FG-G SUTEX-HV232FG-G Datasheet
567Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232FG-GM931 SUTEX-HV232FG-GM931 Datasheet
567Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results

Similar Description - HV232FG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_13 Datasheet
586Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
   Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com