Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV257 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV257
Description  32-Channel High Voltage Sample and Hold Amplifi er Array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV257 Datasheet(HTML) 6 Page - Supertex, Inc

Back Button HV257_07 Datasheet HTML 2Page - Supertex, Inc HV257_07 Datasheet HTML 3Page - Supertex, Inc HV257_07 Datasheet HTML 4Page - Supertex, Inc HV257_07 Datasheet HTML 5Page - Supertex, Inc HV257_07 Datasheet HTML 6Page - Supertex, Inc HV257_07 Datasheet HTML 7Page - Supertex, Inc HV257_07 Datasheet HTML 8Page - Supertex, Inc HV257_07 Datasheet HTML 9Page - Supertex, Inc HV257_07 Datasheet HTML 10Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
HV257
R
SINK / RSOURCE
Ground Isolation (A
GND/DGND Isolation)
The V
DD_BYP ,VDD_BYP ,and VNN_BYP pins are internal. high impedance
current. mirror gate nodes, brought out to mantain stable opamp
biasing currents in noisy power supply environments. 0.1uF/25V
bypass capacitors, added from V
PP_BYP pin to VPP , from VDD_BYP pin
to V
DD , and from VNN_BYP to VNN,will force the high impedance gate
nodes to follow fluctuation of power lines. The expected voltages
at the V
DD_BYP, and VNN_BYP pins
are typically 1.5 volts from their
respectful power supply. The expected voltage at V
PP_BYP is typically
3V below V
PP.
BYP _VPP
HVOpamp
VDD
VPP
BYP _VNN
VNN
Set by RSOURCE
Set by RSINK
HVOUT0
BYP _VPP Cap
BYP _VNN Cap
Current limit
Current limit
BYP _VDD
BYP _VDD Cap
To internal biasing
0.1uF / 25V
0.1uF / 25V
0.1uF / 25V
HVOpamp
HVOUT31
It is important that the A
GND pin is connected to a clean ground.
The hold capacitors are internally connected to the A
GND, and any
ground noise will directly couple to the high voltage outputs (with
a gain of 72). The analog and digital ground traces on the PCB
should be physically separated to reduce digital switching noise
degrading the signal to noise performance.
DGND
LVOpamp
AVDD
VPP
AVNN
AGND1 (pins 89, 43)
VSIG
HVOpamp
HVOUT
1R
71R
AGND2 (pin 39)
EN, A0 -A4
DVDD
DVNN
DAC
External bypass caps:
C1 = 0.1
µF / 500V
C2, C3, C4, C5 = 0.1
µF / 25V
C_hold
10pF
C_comp
C_comp
C2
C1
C4
C3
C5
C6
Single star GND
Sample
switch


Similar Part No. - HV257_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
   High Voltage Sample and Hold Array
HV257FG SUTEX-HV257FG Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 15P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257X SUTEX-HV257X Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
More results

Similar Description - HV257_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV256 SUTEX-HV256_07 Datasheet
1Mb / 11P
   32-Channel High Voltage Amplifi er Array
HV257 SUTEX-HV257 Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257 SUTEX-HV257_13 Datasheet
1Mb / 15P
   32-Channel High Voltage Sample and Hold Amplifier Array
logo
DATEL, Inc.
SHM-14 DATEL-SHM-14 Datasheet
250Kb / 5P
   14-Bit Linear Sample-Hold Amplifi er
logo
Supertex, Inc
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
   High Voltage Sample and Hold Array
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com