Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV20220FG Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV20220FG
Description  Low Charge Injection 8-Channel High Voltage Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV20220FG Datasheet(HTML) 3 Page - Supertex, Inc

  HV20220FG Datasheet HTML 1Page - Supertex, Inc HV20220FG Datasheet HTML 2Page - Supertex, Inc HV20220FG Datasheet HTML 3Page - Supertex, Inc HV20220FG Datasheet HTML 4Page - Supertex, Inc HV20220FG Datasheet HTML 5Page - Supertex, Inc HV20220FG Datasheet HTML 6Page - Supertex, Inc HV20220FG Datasheet HTML 7Page - Supertex, Inc HV20220FG Datasheet HTML 8Page - Supertex, Inc HV20220FG Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
HV220/HV20220/HV20320
DC Electrical Characteristics
(Over operating conditions unless otherwise specified )
R
ONS
Small signal switch
on-resistance
-
30
-
26
38
-
48
Ω
I
SIG = 5mA
V
PP = +40V
V
NN = -160V
-
25
-
22
27
-
32
I
SIG = 200mA
-
25
-
22
27
-
30
I
SIG = 5mA
V
PP = +100V
V
NN = -100V
-
18
-
18
24
-
27
I
SIG = 200mA
-
23
-
20
25
-
30
I
SIG = 5mA
V
PP = +160V
V
NN = -40V
-
22
-
16
25
-
27
I
SIG = 200mA
ΔR
ONS
Small signal switch
on-resistance matching
-
20
-
5.0
20
-
20
%
I
SIG = 5.0mA, VPP = +100V,
V
NN = - 100V
R
ONL
Large signal switch
on-resistance
--
-
15
-
-
-
Ω
V
SIG = VPP -10V, ISIG = 1.0A
I
SOL
Switch off leakage per
switch
-
5.0
-
1.0
10
-
15
μA
V
SIG = VPP -10V, VNN +10V
V
OS
DC offset switch off
-
300
-
100
300
-
300
mV
R
L = 100Ω
DC offset switch on
-
500
-
100
500
-
500
mV
R
L = 100kΩ
I
PPQ
Quiescent V
PP supply
current
-
-
-
10
50
-
-
μA
All switches off
I
NNQ
Quiescent V
NN supply
current
-
-
-
-10
-50
-
-
μA
All switches off
I
PPQ
Quiescent V
PP supply
current
-
-
-
10
50
-
-
μA
All switches on, I
SW = 5.0mA
I
NNQ
Quiescent V
NN supply
current
-
-
-
-10
-50
-
-
μA
All switches on, I
SW = 5.0mA
I
SW
Switch output peak current
-
3.0
-
3.0
2.0
-
2.0
A
V
SIG duty cycly < 0.1%
f
SW
Output switching
frequency
-
-
-
-
50
-
-
kHz
Duty cycle = 50%
I
PP
Supply current
-
6.5
-
-
7.0
-
8.0
mA
V
PP = +40V
V
NN = -160V
All output
switches are
turning On
and Off at
50kHz with
no load
-
4.0
-
-
5.0
-
5.5
V
PP = +100V
V
NN = -100V
-
4.0
-
-
5.0
-
5.5
V
PP = +160V
V
NN = -40V
I
NN
Supply curent
-
6.5
-
-
7.0
-
8.0
mA
V
PP = +40V
V
NN = -160V
-
4.0
-
-
5.0
-
5.5
V
PP = +100V
V
NN = -100V
-
4.0
-
-
5.0
-
5.5
V
PP = +160V
V
NN = -40V
I
DD
Logic supply average
current
-
4.0
-
-
4.0
-
4.0
mA
f
CLK = 5.0MHz, VDD = 5.0V
I
DDQ
Logic supply Quiescent
current
-
10
-
-
10
-
10
μA
---
I
SOR
Data out source current
0.45
-
0.45
0.70
-
0.40
-
mA
V
OUT = VDD -0.7V
I
SINK
Data out sink current
0.45
-
0.45
0.70
-
0.40
-
mA
V
OUT = 0.7V
C
IN
Logic input capacitance
-
10
-
-
10
-
10
pF
---
Sym
Parameter
0OC
+25OC
+70OC
Units
Conditions
Min
Max
Min
Typ
Max
Min
Max


Similar Part No. - HV20220FG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220FG SUTEX-HV20220FG Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV20220FG-G SUTEX-HV20220FG-G Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV20220FG-GM931 SUTEX-HV20220FG-GM931 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
More results

Similar Description - HV20220FG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
logo
Supertex, Inc
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com