Electronic Components Datasheet Search |
|
T6335A-350AXG Datasheet(PDF) 1 Page - Taiwan Memory Technology |
|
T6335A-350AXG Datasheet(HTML) 1 Page - Taiwan Memory Technology |
1 / 4 page TE CH tm T6335A TM Technology Inc. reserves the right P. 1 Publication Date: MAR. 2007 to change products or specifications without notice. Revision: A Constant Current Regulator FEATURES • Constant Current Regulator • Constant Current Option : 150/210/225/240/260/280/300/320/350 mA • Low Dropout Voltage • Low 0.1 uA Shutdown Supply Current • SOT-89 and TO-252 lead-free Package • ESD Human Body Mode Over 5KV • 2.7V to 5V Supply Voltage Range • Build in Thermal Protect 160 °°°°C APPLICATIONS • Flash Light • Lighting • Portable Communication Devices • Handheld Electronics • DC/DC LED driver TYPICAL APPLICATION CIRCUITS T6335A GND OUT VDD V IN 2.7V ~5V GENERAL DESCRIPTION The T6335A low-dropout bias supply for white LED is a high-performance used in conventional white LED designs. The T6335A has lower bias variation with supply voltage variation, significantly lower dropout voltage Low Shutdown Current in some applications, significantly improved efficiency from DC 2.7V to 5V. The T6335A is available in SOT-89 and TO-252 lead-free package. PART NUMBER EXAMPLES PIN ARRANGEMENT (Top view) SOT-89 TO-252 Part no. Current Package type T6335A-350AXG 350mA SOT-89 T6335A-350AWG 350mA TO-252 T6335A-150AXG 150mA SOT-89 T6335A-150AWG 150mA TO-252 |
Similar Part No. - T6335A-350AXG |
|
Similar Description - T6335A-350AXG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |