Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV610FG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV610FG-G
Description  32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV610FG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV610FG-G Datasheet HTML 1Page - Supertex, Inc HV610FG-G Datasheet HTML 2Page - Supertex, Inc HV610FG-G Datasheet HTML 3Page - Supertex, Inc HV610FG-G Datasheet HTML 4Page - Supertex, Inc HV610FG-G Datasheet HTML 5Page - Supertex, Inc HV610FG-G Datasheet HTML 6Page - Supertex, Inc HV610FG-G Datasheet HTML 7Page - Supertex, Inc HV610FG-G Datasheet HTML 8Page - Supertex, Inc HV610FG-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
HV610
Ordering Information
Device
64-Lead TQFP
10x10x1.20mm body, 0.50mm pitch
HV610
HV610FG-G
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
-0.5V to 6V
Supply voltage, V
PP
55V
Supply voltage, V
NN
-45V
Logic input levels
-0.5V to V
DD+0.5V
Operating junction temperature
range
-40°C to +125°C
Storage temperature range
-65°C +150°C
All voltages referenced to GND.
Operating Supply Voltages and Temperatures (All voltages referenced to GND)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
V
DD
Logic supply voltage
4.5
5.0
5.5
V
---
V
PPS
Positive high voltage supply for
HV
OUTPUT source
25
-
50
V
For f
OUT = 200kHz
V
PPLT
Positive high voltage supply for
level translators
47.5
-
50
V
---
V
NN
Negative high voltage supply
-15
-
-40
V
For f
OUT = 200kHz
HVGND
High voltage ground
-5
-
+5
V
---
V
IH
High-level input voltage
2.0
-
V
DD
V
---
V
IL
Low-level input voltage
0
0.8
V
---
T
A
Operating ambient temperature
-40
-
+85
°C
---
-G indicates package is RoHS compliant (‘Green’)
Pin Configuration
1
64-Lead TQFP
(top view)
64
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV610FG
LLLLLLLLL
CCCCCCCC
AAA


Similar Part No. - HV610FG-G

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
HV610 A-DATA-HV610 Datasheet
626Kb / 2P
   DashDrive HV610 Portable Hard Drive
More results

Similar Description - HV610FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_07 Datasheet
708Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308 Datasheet
455Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9708 SUTEX-HV9708 Datasheet
449Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com