Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV633 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV633
Description  32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV633 Datasheet(HTML) 1 Page - Supertex, Inc

  HV633_03 Datasheet HTML 1Page - Supertex, Inc HV633_03 Datasheet HTML 2Page - Supertex, Inc HV633_03 Datasheet HTML 3Page - Supertex, Inc HV633_03 Datasheet HTML 4Page - Supertex, Inc HV633_03 Datasheet HTML 5Page - Supertex, Inc HV633_03 Datasheet HTML 6Page - Supertex, Inc HV633_03 Datasheet HTML 7Page - Supertex, Inc HV633_03 Datasheet HTML 8Page - Supertex, Inc HV633_03 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HV633
1
32-Channel 128-Level Amplitude Gray-Shade
Display Column Driver
Features
❏ 5V CMOS inputs
❏ Up to 80V modulation voltage
❏ Capable of 128 levels of gray shading
❏ 24MHz data throughput rate
❏ 32 outputs per device (can be cascaded)
❏ Pin-programmable shift direction (DIR)
❏ D/A conversion cycle time is 20µs
❏ Diodes in output structure allow usage
in energy recovery systems
❏ Integrated HVCMOS® technology
❏ Available in 3-sided 64-lead gullwing package
General Description
The HV633 is a 32-channel driver IC for gray shade display use.
It is designed to produce varying output voltages between 3 and
80 volts. This amplitude modulation at the output is facilitated by
an external ramp voltage V
R. See Theory of Operation for detailed
explanation.
This device consists of a dual 16-bit shift registers, 32 data latches
and comparators, and control logic to preform 128 levels of gray
shading. There are 7 bits of data inputs. Data is shifted through the
shift registers at both edges of the clock, resulting a data transfer
rate of twice of the shift clock frequency. When the DIR pin is high,
CSI/CSO is the input/output for the chip select pulse. When DIR
is low, CSI/CSO is the output/input for the chip select pulse. The
DIR = HIGH also allows the HV633 to shift data in the counter-
clockwise direction when viewed from the top of the package.
When the DIR pin is low, data is shifted in the clockwise direction.
The output circuitry allows the energy which is stored in the output
capacitance to be returned to V
PP through the body diode of the
output transistor.
08/08/03rev.3
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
HV633
Applications
❏ Electroluminescent Displays
❏ Polycholesteric Displays
Functional Block Diagram
32
IBIAS Control
Low Voltage
High Voltage
HVOUT1
HVOUT32
VCTL
RCTL
VRAMP
High Voltage
Power Supply
Low Voltage
Power Supply
Shift Register
Latches
Comparator
Counter
Source Follower
Output Buffer
SCI
SC
LC
CC
SCO
~
~


Similar Part No. - HV633_03

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV633PG SUTEX-HV633PG Datasheet
390Kb / 10P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV633PG-G SUTEX-HV633PG-G Datasheet
813Kb / 13P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
HV633PG-G SUTEX-HV633PG-G Datasheet
1Mb / 12P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633_14 Datasheet
1Mb / 12P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
More results

Similar Description - HV633_03

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV633PG-G SUTEX-HV633PG-G Datasheet
813Kb / 13P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
HV623 SUTEX-HV623 Datasheet
64Kb / 10P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633 Datasheet
390Kb / 10P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633_14 Datasheet
1Mb / 12P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
HV62106 SUTEX-HV62106 Datasheet
36Kb / 5P
   64-Channel Gray-Shade Display Column Driver
HV62208 SUTEX-HV62208 Datasheet
463Kb / 6P
   32-Channel 256 Gray-Shade High Voltage Driver
HV632 SUTEX-HV632_13 Datasheet
843Kb / 9P
   32-Channel, 256 Gray-Shade High Voltage Driver
HV632 SUTEX-HV632 Datasheet
83Kb / 8P
   32-Channel 256 Gray-Shade High Voltage Driver
logo
New Japan Radio
NJU6680 NJRC-NJU6680 Datasheet
480Kb / 56P
   128-common x 128-segment 4-level Gray Scale BITMAP LCD DRIVER
logo
Hitachi Semiconductor
HD66520 HITACHI-HD66520 Datasheet
338Kb / 45P
   160-Channel 4-Level Grayscale Display Column Driver with Internal Bit-Map RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com