Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV738DB1 Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV738DB1
Description  HV738 짹65V 0.75A Ultrasound Pulser Demo Board
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV738DB1 Datasheet(HTML) 9 Page - Supertex, Inc

  HV738DB1 Datasheet HTML 1Page - Supertex, Inc HV738DB1 Datasheet HTML 2Page - Supertex, Inc HV738DB1 Datasheet HTML 3Page - Supertex, Inc HV738DB1 Datasheet HTML 4Page - Supertex, Inc HV738DB1 Datasheet HTML 5Page - Supertex, Inc HV738DB1 Datasheet HTML 6Page - Supertex, Inc HV738DB1 Datasheet HTML 7Page - Supertex, Inc HV738DB1 Datasheet HTML 8Page - Supertex, Inc HV738DB1 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
HV738DB1
NR050107
Figure 9: Output waveform of 5MHz, V
LL=2.5V, VDD=+8V, (VPP-VPF)=+8V, (VNF-VNN)=+8V, VPP/VNN=+/-5.0V, MC0=0, MC1=0,
with load of 330pF//2.5kΩ. TX1 via 200Ω and 20dB attenuator & SMA-BNC RG316 cable to Ch4 50Ω oscilloscope input.
Figure 10: Output waveform of 20MHz, V
LL=2.5V, VDD=+8V, (VPP-VPF)=+8V, (VNF-VNN)=+8V, VPP/VNN=+/-5.0V, MC0=1, MC1=1,
with load of 330pF//2.5kΩ. TX1 via 200Ω and 20dB Attenuator & SMA-BNC RG316 cable to Ch4 50Ω oscilloscope input.


Similar Part No. - HV738DB1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
   Quad High Speed 짹65V 750mA Ultrasound Pulser
HV738K6-G SUTEX-HV738K6-G Datasheet
587Kb / 7P
   Quad High Speed 짹65V 750mA Ultrasound Pulser
HV738K6-G SUTEX-HV738K6-G Datasheet
672Kb / 8P
   Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
HV738 SUTEX-HV738_11 Datasheet
672Kb / 8P
   Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
More results

Similar Description - HV738DB1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV739DB1 SUTEX-HV739DB1 Datasheet
860Kb / 8P
   HV739 짹100V 3.0A Ultrasound Pulser Demo Board
HV758DB1 SUTEX-HV758DB1 Datasheet
754Kb / 6P
   HV758 짹90V 2.2A Ultrasound Pulser Demo Board
HV748DB1 SUTEX-HV748DB1 Datasheet
1Mb / 9P
   HV748 짹75V 1.25A Ultrasound Pulser Demo Board
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
   Quad High Speed 짹65V 750mA Ultrasound Pulser
HV738 SUTEX-HV738_11 Datasheet
672Kb / 8P
   Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
   Ultrasound HV pulser demonstration board
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
[Old version datasheet]   Ultrasound Transmit Pulser
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com